Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

853S024AYLFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 853S024AYLFT
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S024AYLFT Datasheet(HTML) 1 Page - Integrated Device Technology

  853S024AYLFT Datasheet HTML 1Page - Integrated Device Technology 853S024AYLFT Datasheet HTML 2Page - Integrated Device Technology 853S024AYLFT Datasheet HTML 3Page - Integrated Device Technology 853S024AYLFT Datasheet HTML 4Page - Integrated Device Technology 853S024AYLFT Datasheet HTML 5Page - Integrated Device Technology 853S024AYLFT Datasheet HTML 6Page - Integrated Device Technology 853S024AYLFT Datasheet HTML 7Page - Integrated Device Technology 853S024AYLFT Datasheet HTML 8Page - Integrated Device Technology 853S024AYLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PRELIMINARY
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V
LVPECL FANOUT BUFFER
ICS853S024
LOW SKEW LVPECL FANOUT BUFFER
1
ICS853S024AY REV. A APRIL 30, 2008
General Description
The ICS853S024 is a low skew, 1-to-24
Differential-to-3.3V, 2.5V LVPECL Fanout Buffer and
a member of theHiPerClockS™ family of High
Performance Clock Solutions from IDT. The CLK,
nCLK pair can accept most standard differential
input levels. The ICS853S024 is characterized to operate from
either a 3.3V or a 2.5V power supply. Guaranteed output skew
characteristics make the ICS853S024 ideal for those clock
distribution applications demanding well defined performance and
repeatability.
Features
Twenty four LVPECL outputs.
One differential clock input pair
Differential input clock (CLK, nCLK) can accept the following
signaling levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
Maximum output frequency: >1.5GHz
Translates any single ended input signal to 3.3V/ 2.5V LVPECL
levels with resistor bias on nCLK input
Output skew: 25ps (typical)
t
R / tF: 180ps (typical)
Additive phase jitter, RMS: 0.111ps (typical) @ 312.5MHz
Full 3.3V or 2.5V supply voltage
0°C to 70°C ambient operating temperature
Available in lead-free (RoHS 6) packages.
.
HiPerClockS™
ICS
Q0:Q23
nQ0:nQ23
CLK
nCLK
Pulldown
Pullup
24
24
Pin Assignment
Block Diagram
VCC
VEE
Q0
Q1
nQ1
Q2
nQ2
nQ0
VCC
nQ3
Q3
Q4
nQ4
Q5
nQ5
VEE
nQ17
Q17
nQ16
CLK
Q16
nCLK
nQ15
Q15
VCC
nQ14
Q14
nQ13
Q13
nQ12
Q12
VCC
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
The Preliminary Information presented herein represents a product in pre-production. The noted characteristics are based on initial product characterization and/or qualification.
Integrated Device Technology, Incorporated (IDT) reserves the right to change any circuitry or specifications without notice.
ICS853S024
64-Lead TQFP, EPad
10mm x 10mm x 1mm
package body
Y Package
Top View


Similar Part No. - 853S024AYLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S024AYLFT IDT-853S024AYLFT Datasheet
900Kb / 19P
   LVPECL Fanout Buffer
More results

Similar Description - 853S024AYLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S024 RENESAS-ICS853S024 Datasheet
1,006Kb / 20P
   Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
JULY 20, 2011
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
   LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
   Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
logo
Integrated Device Techn...
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
   LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
logo
Integrated Device Techn...
853S004I IDT-853S004I Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com