Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843SDNAGLFT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 843SDNAGLFT
Description  FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843SDNAGLFT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 843SDNAGLFT Datasheet HTML 6Page - Integrated Device Technology 843SDNAGLFT Datasheet HTML 7Page - Integrated Device Technology 843SDNAGLFT Datasheet HTML 8Page - Integrated Device Technology 843SDNAGLFT Datasheet HTML 9Page - Integrated Device Technology 843SDNAGLFT Datasheet HTML 10Page - Integrated Device Technology 843SDNAGLFT Datasheet HTML 11Page - Integrated Device Technology 843SDNAGLFT Datasheet HTML 12Page - Integrated Device Technology 843SDNAGLFT Datasheet HTML 13Page - Integrated Device Technology 843SDNAGLFT Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ICS843SDN
FEMTOCLOCK™CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL CLOCK GENERATOR
10
ICS843SDNAG REV. A FEBRUARY 19, 2009
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS843SDN.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS843SDN is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 83mA = 287.60mW
Power (outputs)MAX = 30mW/Loaded Output pair
Total Power_MAX (3.3V, with all outputs switching) = 287.60mW + 30mW = 317.60mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device.
The maximum recommended junction temperature for HiPerClockS devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air flow
and a multi-layer board, the appropriate value is 129.5°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.318W * 129.5°C/W = 111.2°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type
of board (multi-layer).
Table 7. Thermal Resistance θJA for 8 Lead TSSOP, Forced Convection
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
129.5°C/W
125.5°C/W
123.5°C/W


Similar Part No. - 843SDNAGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843S06 IDT-843S06 Datasheet
335Kb / 23P
   Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
logo
Renesas Technology Corp
843S06 RENESAS-843S06 Datasheet
509Kb / 24P
   Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
10/23/15
logo
Integrated Device Techn...
843S06FYLF IDT-843S06FYLF Datasheet
335Kb / 23P
   Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
logo
Renesas Technology Corp
843S06FYLF RENESAS-843S06FYLF Datasheet
509Kb / 24P
   Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
10/23/15
logo
Integrated Device Techn...
843S06FYLFT IDT-843S06FYLFT Datasheet
335Kb / 23P
   Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
More results

Similar Description - 843SDNAGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843021 IDT-843021 Datasheet
282Kb / 15P
   FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843011C IDT-ICS843011C Datasheet
247Kb / 14P
   FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843021I IDT-ICS843021I Datasheet
894Kb / 14P
   FemtoClock Crystal-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
843022 RENESAS-843022 Datasheet
402Kb / 17P
   FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
   FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
ICS843011C RENESAS-ICS843011C Datasheet
354Kb / 15P
   FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MARCH 12, 2014
843021 RENESAS-843021 Datasheet
458Kb / 16P
   FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843031 RENESAS-843031 Datasheet
415Kb / 15P
   FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/5/15
843251I-04 RENESAS-843251I-04 Datasheet
597Kb / 18P
   FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/29/15
logo
Integrated Device Techn...
843031I-01 IDT-843031I-01 Datasheet
203Kb / 16P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com