Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

840S06AKILF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 840S06AKILF
Description  CLOCK GENERATOR FOR CAVIUM PROCESSORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

840S06AKILF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 840S06AKILF Datasheet HTML 4Page - Integrated Device Technology 840S06AKILF Datasheet HTML 5Page - Integrated Device Technology 840S06AKILF Datasheet HTML 6Page - Integrated Device Technology 840S06AKILF Datasheet HTML 7Page - Integrated Device Technology 840S06AKILF Datasheet HTML 8Page - Integrated Device Technology 840S06AKILF Datasheet HTML 9Page - Integrated Device Technology 840S06AKILF Datasheet HTML 10Page - Integrated Device Technology 840S06AKILF Datasheet HTML 11Page - Integrated Device Technology 840S06AKILF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ICS840S06I
CLOCK GENERATOR FOR CAVIUM PROCESSORS
PRELIMINARY
IDT™ / ICS™ CLOCK GENERATOR
8
ICS840S06AKI REV. AI JULY 10, 2008
Parameter Measurement Information
3.3V Core/3.3V LVCMOS Output Load AC Test Circuit
Differential Input Level
RMS Phase Jitter
3.3V Core/2.5V LVCMOS Output Load AC Test Circuit
LVCMOS Part-to-Part Skew
Output Rise/Fall Time
SCOPE
Qx
LVCMOS
GND
-1.65V±5%
VDDO_X
1.65V±5%
VDD,
VDDA
1.65V±5%
nCLK
CLK
VDD
GND
V
CMR
Cross Points
V
PP
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
-
SCOPE
Qx
GND
LVCMOS
-1.25V±5%
VDDO_X
2.05V±5%
1.25V±5%
VDD
VDDA
2.05V±5%
tsk(pp)
V
DDOX
2
V
DDOX
2
Par t 1
Par t 2
Qx
Qy
20%
80%
80%
20%
tR
t F
QA:QC,
QREF[0:2]


Similar Part No. - 840S06AKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840S05AYILF IDT-840S05AYILF Datasheet
357Kb / 21P
   Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840S05AYILF RENESAS-840S05AYILF Datasheet
549Kb / 22P
   Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 11, 2016
logo
Integrated Device Techn...
840S05AYILFT IDT-840S05AYILFT Datasheet
357Kb / 21P
   Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840S05AYILFT RENESAS-840S05AYILFT Datasheet
549Kb / 22P
   Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 11, 2016
logo
Integrated Device Techn...
840S05I IDT-840S05I Datasheet
357Kb / 21P
   Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
More results

Similar Description - 840S06AKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
   Clock Generator for Cavium Processors
06/30/15
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
   Clock Generator for Cavium Processors
2011
logo
Integrated Device Techn...
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N012A RENESAS-8V41N012A Datasheet
1Mb / 35P
   Clock Generator for Cavium Processors
October 11, 2019
8413S06 RENESAS-8413S06 Datasheet
1Mb / 31P
   Clock Generator for Cavium Processors
REVISION C 03/06/15
8430S10I-02 RENESAS-8430S10I-02 Datasheet
840Kb / 32P
   Clock Generator for Cavium Processors
October 4, 2016
ICS8430S10I-03 RENESAS-ICS8430S10I-03 Datasheet
830Kb / 32P
   Clock Generator for Cavium Processors
October 5, 2016
ICS8430S803I RENESAS-ICS8430S803I Datasheet
1Mb / 31P
   Clock Generator for Cavium Processors
MARCH 28, 2011
logo
Integrated Device Techn...
8V41N012 IDT-8V41N012 Datasheet
840Kb / 31P
   Clock Generator for Cavium Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com