Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

840S06AKILF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 840S06AKILF
Description  CLOCK GENERATOR FOR CAVIUM PROCESSORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

840S06AKILF Datasheet(HTML) 3 Page - Integrated Device Technology

  840S06AKILF Datasheet HTML 1Page - Integrated Device Technology 840S06AKILF Datasheet HTML 2Page - Integrated Device Technology 840S06AKILF Datasheet HTML 3Page - Integrated Device Technology 840S06AKILF Datasheet HTML 4Page - Integrated Device Technology 840S06AKILF Datasheet HTML 5Page - Integrated Device Technology 840S06AKILF Datasheet HTML 6Page - Integrated Device Technology 840S06AKILF Datasheet HTML 7Page - Integrated Device Technology 840S06AKILF Datasheet HTML 8Page - Integrated Device Technology 840S06AKILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ICS840S06I
CLOCK GENERATOR FOR CAVIUM PROCESSORS
PRELIMINARY
IDT™ / ICS™ CLOCK GENERATOR
3
ICS840S06AKI REV. AI JULY 10, 2008
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Number
Name
Type
Description
1, 15
VDD
Power
Core supply pins.
2
nPLL_SEL
Input
Pulldown
PLL bypass. When LOW, selects PLL (PLL Enable). When HIGH, deselects
the reference clock (PLL Bypass). LVCMOS/LVTTL interface levels.
3,
4
XTAL_IN,
XTAL_OUT
Input
Parallel resonant crystal interface.
XTAL_OUT is the output, XTAL_IN is the input.
5
nXTAL_SEL
Input
Pulldown
Selects XTAL inputs when LOW. Selects differential clock (CLK, nCLK)
input when HIGH. LVCMOS/LVTTL interface levels.
6
CLK
Input
Pulldown
Non-inverting differential clock input.
7
nCLK
Input
Pullup/
Pulldown
Inverting differential clock input. Internal resistor bias to VDD/2.
8, 20, 21, 27
GND
Power
Power supply ground.
9,
10
PCI_SEL1,
PCI_SEL0
Input
Pulldown
Selects the PCI/PCI-X reference clock output frequency. See Table 3B.
LVCMOS/LVTTL interface levels.
11, 12, 13, 14
nc
Unused
No connect.
16
VDDA
Power
Analog supply pin.
17
VDDO_A
Power
Bank A output supply pin. 3.3 V or 2.5V supply.
18, 23, 26, 29,
30, 31
QA, QB, QC,
QREF2,
QREF1, QREF0
Output
Single-ended outputs. LVCMOS/LVTTL interface levels.
19
nOE_REF
Input
Pulldown
Active LOW output enable. When logic HIGH, the outputs are in high
impedance (HI-Z). When logic LOW, the outputs are enabled. LVCMOS/
LVTTL interface levels.
22
CORE_SEL
Input
Pulldown
Selects the processor core clock output frequency. The output frequency is
50MHz when LOW, and 33.333MHz when HIGH. See Table 3A.
LVCMOS/LVTTL interface levels.
24
VDDO_B
Power
Bank B output supply pin. 3.3 V or 2.5V supply.
25
VDDO_C
Power
Bank C output supply pin. 3.3 V or 2.5V supply.
28, 32
VDDO_REF
Power
REF bank output supply pins. 3.3 V or 2.5V supply.


Similar Part No. - 840S06AKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840S05AYILF IDT-840S05AYILF Datasheet
357Kb / 21P
   Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840S05AYILF RENESAS-840S05AYILF Datasheet
549Kb / 22P
   Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 11, 2016
logo
Integrated Device Techn...
840S05AYILFT IDT-840S05AYILFT Datasheet
357Kb / 21P
   Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840S05AYILFT RENESAS-840S05AYILFT Datasheet
549Kb / 22P
   Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 11, 2016
logo
Integrated Device Techn...
840S05I IDT-840S05I Datasheet
357Kb / 21P
   Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
More results

Similar Description - 840S06AKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
   Clock Generator for Cavium Processors
06/30/15
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
   Clock Generator for Cavium Processors
2011
logo
Integrated Device Techn...
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N012A RENESAS-8V41N012A Datasheet
1Mb / 35P
   Clock Generator for Cavium Processors
October 11, 2019
8413S06 RENESAS-8413S06 Datasheet
1Mb / 31P
   Clock Generator for Cavium Processors
REVISION C 03/06/15
8430S10I-02 RENESAS-8430S10I-02 Datasheet
840Kb / 32P
   Clock Generator for Cavium Processors
October 4, 2016
ICS8430S10I-03 RENESAS-ICS8430S10I-03 Datasheet
830Kb / 32P
   Clock Generator for Cavium Processors
October 5, 2016
ICS8430S803I RENESAS-ICS8430S803I Datasheet
1Mb / 31P
   Clock Generator for Cavium Processors
MARCH 28, 2011
logo
Integrated Device Techn...
8V41N012 IDT-8V41N012 Datasheet
840Kb / 31P
   Clock Generator for Cavium Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com