Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

830S21AMI-01LFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 830S21AMI-01LFT
Description  1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

830S21AMI-01LFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 830S21AMI-01LFT Datasheet HTML 3Page - Integrated Device Technology 830S21AMI-01LFT Datasheet HTML 4Page - Integrated Device Technology 830S21AMI-01LFT Datasheet HTML 5Page - Integrated Device Technology 830S21AMI-01LFT Datasheet HTML 6Page - Integrated Device Technology 830S21AMI-01LFT Datasheet HTML 7Page - Integrated Device Technology 830S21AMI-01LFT Datasheet HTML 8Page - Integrated Device Technology 830S21AMI-01LFT Datasheet HTML 9Page - Integrated Device Technology 830S21AMI-01LFT Datasheet HTML 10Page - Integrated Device Technology 830S21AMI-01LFT Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ICS830S21I-01
1-TO-1, 2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
IDT™ / ICS™ LVCMOS/LVTTL TRANSLATOR
7
ICS830S21AMI-01 REV. A OCTOBER 27, 2008
Parameter Measurement Information, continued
Part-to-Part Skew
Application Information
Wiring the Differential Input to Accept Single Ended Levels
Figure 1 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = VDD/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio of
R1 and R2 might need to be adjusted to position the V_REF in the
center of the input voltage swing. For example, if the input clock
swing is only 2.5V and VDD = 3.3V, V_REF should be 1.25V and
R2/R1 = 0.609.
Figure 1. Single-Ended Signal Driving Differential Input
Qx
Qy
tsk(pp)
V
DD
2
V
DD
2
Par t 1
Par t 2
V_REF
Single Ended Clock Input
VDD
CLK
nCLK
R1
1K
C1
0.1u
R2
1K


Similar Part No. - 830S21AMI-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
830S21AMI-01LFT IDT-830S21AMI-01LFT Datasheet
355Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
More results

Similar Description - 830S21AMI-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS830S21I IDT-ICS830S21I Datasheet
693Kb / 11P
   1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
logo
Renesas Technology Corp
830S21I-01 RENESAS-830S21I-01 Datasheet
548Kb / 13P
   1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
830S21I RENESAS-830S21I Datasheet
547Kb / 13P
   1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
logo
Integrated Circuit Syst...
ICS83021I ICST-ICS83021I Datasheet
158Kb / 11P
   2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
ICS830-21I ICST-ICS830-21I Datasheet
160Kb / 12P
   2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
logo
Integrated Device Techn...
ICS83023I IDT-ICS83023I Datasheet
328Kb / 13P
   DUAL, 1-TO-1 DIFFERENTIAL-TOLVCMOS TRANSLATOR/BUFFER
logo
Micrel Semiconductor
SY733021U MICREL-SY733021U Datasheet
556Kb / 11P
   2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320I IDT-ICS85320I Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com