Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1H801G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ISO1H801G
Description  Coreless Transformer Isolated Digital Output 8 Channel 0.625A High-Side Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISO1H801G Datasheet(HTML) 3 Page - Infineon Technologies AG

  ISO1H801G Datasheet HTML 1Page - Infineon Technologies AG ISO1H801G Datasheet HTML 2Page - Infineon Technologies AG ISO1H801G Datasheet HTML 3Page - Infineon Technologies AG ISO1H801G Datasheet HTML 4Page - Infineon Technologies AG ISO1H801G Datasheet HTML 5Page - Infineon Technologies AG ISO1H801G Datasheet HTML 6Page - Infineon Technologies AG ISO1H801G Datasheet HTML 7Page - Infineon Technologies AG ISO1H801G Datasheet HTML 8Page - Infineon Technologies AG ISO1H801G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Type
On-state Resistance
Package
ISO1H801G
200m
PG-DSO-36
Datasheet
3
Version 2.3, 2009-09-16
ISOFACE
TM
ISO1H801G
Coreless Transformer Isolated Digital
Output 8 Channel 0.625A High-Side Switch
Product Highlights
Coreless transformer isolated data interface
Galvanic isolation
8 High-side output switches 0.625A
µC compatible 8-bit parallel peripheral
ISO1H801G
µC (i.e
C166)
AD0
WR
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P1.x
VCC
VCC
Parallel
Interface
Control
Unit
CT
Control
&
Protectio
n Unit
CS
WR
D0
D1
D2
D3
D4
D5
D6
D7
DIS
VCC
GNDCC
GNDbb
GND
OUT7
Vbb
Vbb
OUT1
OUT0
Typical Application
reserved
Features
Interface 5V CMOS operation compatible
Parallel interface
Direct control mode
High common mode transient immunity
Short circuit protection
Maximum current internally limited
Overload protection
Overvoltage protection (including load dump)
Undervoltage shutdown with autorestart and
hysteresis
Switching inductive loads
Common output disable pin
Thermal shutdown with restart
Thermal independence of separate channels
ESD protection
Loss of GNDbb and loss of V
bb protection
Reverse Output Voltage protection
Typical Application
Isolated switch for industrial applications (PLC)
All types of resistive, inductive and capacitive loads
µC compatible power switch for 24V DC
applications
Driver for solenoid, relays and resistive loads
Description
The ISO1H801G is a galvanically isolated 8 bit data
interface in PG-DSO-36 package that provides 8 fully
protected high-side power switches that are able to
handle currents up to 625 mA.
An 8 bit parallel µC compatible interface allows to
connect the IC directly to a µC system. The input
interface supports also a direct control mode and is
designed to operate with 5V CMOS compatible levels.
The data transfer from input to output side is realized by
the integrated Coreless Transformer Technology.


Similar Part No. - ISO1H801G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISO1H802G INFINEON-ISO1H802G Datasheet
1Mb / 22P
   Coreless Transformer Isolated Digital Output 8 Channel 0.625A High-Side Switch
Version 2.4, Sep 2009
More results

Similar Description - ISO1H801G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISO1H812G INFINEON-ISO1H812G Datasheet
1Mb / 22P
   Coreless Transformer Isolated Digital Output 8 Channel 0.625A High-Side Switch
Version 2.2, July 2009
ISO1H802G INFINEON-ISO1H802G Datasheet
1Mb / 22P
   Coreless Transformer Isolated Digital Output 8 Channel 0.625A High-Side Switch
Version 2.4, Sep 2009
ISO1H811G INFINEON-ISO1H811G Datasheet
1Mb / 20P
   Coreless Transformer Isolated Digital Output 8 Channel 0.625A High-Side Switch
Version 2.1, May 2009
ISO1H815G INFINEON-ISO1H815G Datasheet
1Mb / 20P
   Coreless Transformer Isolated Digital Output 8 Channel 1.2A High-Side Switch
Version 2.0, July 2009
ISO1H816G INFINEON-ISO1H816G Datasheet
1Mb / 22P
   Coreless Transformer Isolated Digital Output 8 Channel 1.2A High-Side Switch
Version 2.0, July 2009
ISO2H823V2.5 INFINEON-ISO2H823V2.5 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H812G INFINEON-ISO1H812G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.6, 2014-10-17
ISO2H823V25 INFINEON-ISO2H823V25 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H811G INFINEON-ISO1H811G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.5, 2014-10-17
ISO1H815G INFINEON-ISO1H815G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com