Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXHV9910B Datasheet(PDF) 4 Page - Clare, Inc.

Part # MXHV9910B
Description  Off-Line, High Brightness LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MXHV9910B Datasheet(HTML) 4 Page - Clare, Inc.

  MXHV9910B Datasheet HTML 1Page - Clare, Inc. MXHV9910B Datasheet HTML 2Page - Clare, Inc. MXHV9910B Datasheet HTML 3Page - Clare, Inc. MXHV9910B Datasheet HTML 4Page - Clare, Inc. MXHV9910B Datasheet HTML 5Page - Clare, Inc. MXHV9910B Datasheet HTML 6Page - Clare, Inc. MXHV9910B Datasheet HTML 7Page - Clare, Inc. MXHV9910B Datasheet HTML 8Page - Clare, Inc. MXHV9910B Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MXHV9910
4
www.clare.com
R01
1.4 Recommended Operating Conditions
1.5 Electrical Characteristics
Unless otherwise specified, all electrical specifications are provided for TA=25°C.
1.6 Thermal Characteristics
1 Use of a four-layer PCB can improve thermal dissipation (reference EIA/JEDEC JESD51-5).
Parameter
Symbol
Minimum
Nominal
Maximum
Unit
Input Voltage Range
VIN
8
-
450
VDC
PWMD Frequency
fPWMD
-
500
-
Hz
Operating Temperature
TA
-40
-
+85
°C
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Input
Input DC Voltage Range
DC Input Voltage
VIN
8
-
450
VDC
Shut-Down Mode Supply Current
PWMD to GND, VIN=15 to 450V
IINSD
-0.3
0.6
mA
Maximum Voltage to VDD Pin
External Voltage applied to VDD Pin
VDDmax
--
12
V
Regulator
Internal Voltage Regulator
VIN=15V to 450V,
IDD(ext)=0,
GATE Output=Open
VDD
7.2
7.8
8.4
VDC
VDD Current Available
for External Circuitry
-
IDD(ext)
--
2
mA
VDD Load Regulation
VIN=15V, IL=1mA
ΔV
DD
-
-
200
mV
PWM Dimming
PWMD Input Low Voltage
VIN=8V to 450V
VEN(low)
--
0.5
V
PWMD Input High Voltage
VIN=8V to 450V
VEN(high)
2.4
-
-
PWMD Pull-Down Resistance
VIN=12V, VPWMD=VDD
REN
70
115
150
k
Ω
Current Sense Comparator
Current Sense (CS) Input Current
CS Low
CS=0V
IIL
--45
-90
μA
CS High
CS=VDD
IIH
-0
±15
Current Sense Threshold Voltage
-40°C < TA < 85°CVCS(high)
200
-
280
mV
Current Sense Blanking Interval
RT=400kΩ
tBLANK
-
400
-
ns
Delay from CS Trip to Gate Low
RT=400kΩ
tDELAY
-
300
-
ns
Oscillator
Oscillator Frequency (Gate Driver)
RT=400kΩ
fS
51
64
77
kHz
Gate Driver
Gate High Output Voltage
IOUT= -10mA
VGATE(hi)
VDD-0.3
--
V
Gate Low Output Voltage
IOUT=10mA
VGATE(lo)
-
0.03
0.3
Gate Output Rise Time
CGATE=500pF
tRISE
-16-
ns
Gate Output Fall Time
CGATE=500pF
tFALL
-7-
Parameter
Package
Symbol
Minimum
Typical
Maximum
Unit
Thermal Resistance,
Junction-to-Ambient
SOIC-8 With Thermal Pad (BE) 1
RθJA
-50-
°C/W
SOIC-8 W/O Thermal Pad (B)
-
128
-


Similar Part No. - MXHV9910B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MXHV9910B IXYS-MXHV9910B Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
MXHV9910BE IXYS-MXHV9910BE Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
MXHV9910BETR IXYS-MXHV9910BETR Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
MXHV9910BTR IXYS-MXHV9910BTR Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
More results

Similar Description - MXHV9910B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
CPC9909 IXYS-CPC9909 Datasheet
1Mb / 12P
   High Effciency,Off-line, High Brightness LED Driver
logo
List of Unclassifed Man...
HV9910DB2 ETC2-HV9910DB2 Datasheet
815Kb / 4P
   Off-Line, High Brightness, SED Driver Demo Board
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
MP4652 MPS-MP4652 Datasheet
579Kb / 19P
   HIGH PERFORMANCE OFF-LINE TV LED DRIVER
logo
Sanken electric
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
   High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com