Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

087941-00 Datasheet(PDF) 1 Page - IXYS Corporation

Part # 087941-00
Description  8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

087941-00 Datasheet(HTML) 1 Page - IXYS Corporation

  087941-00 Datasheet HTML 1Page - IXYS Corporation 087941-00 Datasheet HTML 2Page - IXYS Corporation 087941-00 Datasheet HTML 3Page - IXYS Corporation 087941-00 Datasheet HTML 4Page - IXYS Corporation 087941-00 Datasheet HTML 5Page - IXYS Corporation 087941-00 Datasheet HTML 6Page - IXYS Corporation 087941-00 Datasheet HTML 7Page - IXYS Corporation 087941-00 Datasheet HTML 8Page - IXYS Corporation 087941-00 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IXYS
MX879
1
06/08/06
Drawing No. 087909
www.claremicronix.com
MX879
8-Channel, 60V Relay/Load Driver
Open Drain Output, 3 Wire Interface
Features:
• 8 Outputs Rated at 60V, 120mA
• Open Drain Pull-Up Driver Configuration
• 6V to 60V Driver Supply Range
• 2.7V to 5.5V Logic Supply Range
• 3 Wire Serial Interface plus Chip Select
• Captures Serial & Parallel Input Data
• Outputs can be paralleled
• 28 Lead QFN Package
Applications:
• White Goods
• ATE
• Industrial Equipment
• Automotive Relay Control
General Description
The MX879 is an 8 channel high voltage switch with
8-bit parallel or serial input control. The MX879
connects directly to a microprocessor through a
standard 3 wire serial interface. The open drain pull-
up output configuration can drive up to 60 volts at
120mA. Outputs can be paralleled for increased
drive current up to a device total of 600mA source.
The MX879 is designed to operate over a
temperature range of -40°C to +85°C, and is
available in a QFN-28 Package.
Ordering Information
Part No.
Description
Qty
087900-00
QFN-28
73
087941-00
QFN-28 Tape & Reel
2500
Functional Block Diagram
VCC
VPWR
CS*
SDO
IN7
IN6
OUT7
IN5
I/O
Register
Latch
Register
Driver
OUT6
IN4
OUT5
IN3
OUT4
IN2
OUT3
IN1
OUT2
IN 0
OUT1
OUT0
SCK
SDI
OE
GND
Parallel
In & Out
Level
Translator


Similar Part No. - 087941-00

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879427001 MOLEX10-0879427001 Datasheet
160Kb / 4P
   2.50mm (.098)/ 3.50mm (.138) Pitch, Wire-to-Board Connector, PCB Header with Single Fuse Socket, Right Angle, Through Hole Solder Pins, 22 Circuits
0879431101 MOLEX10-0879431101 Datasheet
83Kb / 2P
   2.50mm (.098) / 3.50mm (.138) Pitch Wire-to-Board Female Crimp Terminal, Tin (Sn) Overall, 16 AWG, Reel Packaging, Lead-free
0879432101 MOLEX10-0879432101 Datasheet
83Kb / 2P
   2.50mm (.098) / 3.50mm (.138) Pitch Wire-to-Board Female Crimp Terminal, Tin (Sn) Overall, 20 AWG, Reel Packaging, Lead-free
0879437001 MOLEX10-0879437001 Datasheet
103Kb / 2P
   2.50mm (.098) / 3.50mm (.138) Pitch Wire-to-Board Receptacle Housing with Fuse, 22 Circuits
0879450001 MOLEX10-0879450001 Datasheet
271Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Right Angle, Surface Mount
More results

Similar Description - 087941-00

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX878 IXYS-MX878 Datasheet
200Kb / 10P
   8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
logo
Clare, Inc.
MX879 CLARE-MX879 Datasheet
607Kb / 11P
   8-Channel, 60V Driver with Open-Drain Output, 3 Wire Interface
logo
IXYS Corporation
MX877 IXYS-MX877 Datasheet
199Kb / 10P
   8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
logo
Clare, Inc.
MX877 CLARE-MX877 Datasheet
652Kb / 11P
   8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
logo
Maxim Integrated Produc...
MAX4896 MAXIM-MAX4896 Datasheet
263Kb / 14P
   Space-Saving, 8-Channel Relay/Load Driver
Rev 1; 6/07
MAX4896_V3 MAXIM-MAX4896_V3 Datasheet
195Kb / 13P
   Space-Saving, 8-Channel Relay/Load Driver
Rev 3; 7/12
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07_V01 Datasheet
182Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07 Datasheet
160Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07_15 Datasheet
173Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
   open drain output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com