Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

087800-00 Datasheet(PDF) 9 Page - IXYS Corporation

Part # 087800-00
Description  8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

087800-00 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button 087800-00 Datasheet HTML 2Page - IXYS Corporation 087800-00 Datasheet HTML 3Page - IXYS Corporation 087800-00 Datasheet HTML 4Page - IXYS Corporation 087800-00 Datasheet HTML 5Page - IXYS Corporation 087800-00 Datasheet HTML 6Page - IXYS Corporation 087800-00 Datasheet HTML 7Page - IXYS Corporation 087800-00 Datasheet HTML 8Page - IXYS Corporation 087800-00 Datasheet HTML 9Page - IXYS Corporation 087800-00 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MX878
9
06/08/06
Drawing No. 087809
www.claremicronix.com
MX878
IXYS
IXYS Corporation makes no representations or warranties with respect to the accuracy or completeness of the contents of this
publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither
circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS’ Standard Terms and Conditions of Sale,
IXYS Corporation assumes no liability whatsoever, and disclaims any expressed or implied warranty, relating to its products
including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any
intellectual property right.
.128
.118
3.25
3.00
E2
NOTES: (UNLESS OTHERWISE SPECIFIED)
HEAT SINK SLUG AS WELL AS THE TERMINALS.
3. MOLDED PACKAGE SHALL CONFORM TO
2. DIMENSIONS AND TOLERANCING CONFORM
1. COPLANARITY APPLIES TO THE EXPOSED
.0197 BSC
.0256
MO-220 VARIATION VHHD-1.
TO ASME Y14.5M-1994.
JEDEC STANDARD CONFIGURATION
.0177
28
L
N
e
.500 BSC
28
.65
.45
BOTTOM VIEW
SIDE VIEW
28 LEAD 5MM X 5MM X 0.90MM QFN
MM.
INCH
.039
.008 REF.
.012
.197 BSC
.128
.197 BSC
.002
MAX.
.031
.007
.118
A2
D2
E
D
b
A1
A
0
DIM.
MIN.
5.00 BSC
3.25
3.00
5.00 BSC
,200 REF.
1.0
.80
.30
.18
.05
0
MAX.
MIN.
DIMENSIONS
TOP VIEW
PIN 1
(REF.)


Similar Part No. - 087800-00

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878030002 MOLEX10-0878030002 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 2.79mm (.110) Tail Length, 0.38關m (15關) Gold (Au) Plating
0878030002 MOLEX11-0878030002 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage
0878030012 MOLEX10-0878030012 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 3.18mm (.125) Tail Length, 0.38關m (15關") Gold (Au) Plating
0878030012 MOLEX11-0878030012 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole
0878030032 MOLEX10-0878030032 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 3.18mm (.125) Tail Length, 0.38關m (15關) Gold (Au) Plating
More results

Similar Description - 087800-00

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX879 IXYS-MX879 Datasheet
200Kb / 10P
   8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
logo
Clare, Inc.
MX879 CLARE-MX879 Datasheet
607Kb / 11P
   8-Channel, 60V Driver with Open-Drain Output, 3 Wire Interface
logo
IXYS Corporation
MX877 IXYS-MX877 Datasheet
199Kb / 10P
   8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
logo
Clare, Inc.
MX877 CLARE-MX877 Datasheet
652Kb / 11P
   8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
logo
Maxim Integrated Produc...
MAX4896 MAXIM-MAX4896 Datasheet
263Kb / 14P
   Space-Saving, 8-Channel Relay/Load Driver
Rev 1; 6/07
MAX4896_V3 MAXIM-MAX4896_V3 Datasheet
195Kb / 13P
   Space-Saving, 8-Channel Relay/Load Driver
Rev 3; 7/12
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07_V01 Datasheet
182Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07 Datasheet
160Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07_15 Datasheet
173Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
   open drain output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com