Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCA717STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # LCA717STR
Description  Single Pole OptoMOS짰 Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA717STR Datasheet(HTML) 1 Page - Clare, Inc.

  LCA717STR Datasheet HTML 1Page - Clare, Inc. LCA717STR Datasheet HTML 2Page - Clare, Inc. LCA717STR Datasheet HTML 3Page - Clare, Inc. LCA717STR Datasheet HTML 4Page - Clare, Inc. LCA717STR Datasheet HTML 5Page - Clare, Inc. LCA717STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-LCA717-R02
1
LCA717
RoHS
2002/95/EC
e3
Pb
Single Pole OptoMOS® Relay
Applications
Features
Description
LCA717
Units
Blocking Voltage
30
V
P
Load Current
2
A
DC/Arms
Max R
ON
0.15
Ω
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
Small 6 Pin DIP Package
Low Drive Power Requirements
(TTL/CMOS Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
3750V
rms Input/Output Isolation
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Surface Mount, Tape & Reel Version Available
Sensor Circuitry
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment
Patient/Equipment Isolation
Aerospace
Industrial Controls
The LCA717 is a 30V single-pole normally-open
(1-Form-A) Solid State Relay. The ultra-low
on-resistance of this relay enables high-current
operation. Clare's patented OptoMOS architecture
makes available the optically coupled technology
necessary to activate the output's efficient MOSFET
switches, while providing 3750V
rms
input-to-output isolation. Control of the isolated output
is accomplished by means of the highly effective
GaAlAs infrared LED at the input.
Approvals
UL Recognized Component: File # E76270
CSA Certified Component: Certificate # 1175739
EN/IEC 60950-1 Compliant
Ordering Information
Part #
Description
LCA717
6 Pin DIP (50/Tube)
LCA717S
6 Pin Surface Mount (50/Tube)
LCA717STR
6 Pin Surface Mount (1000/Reel)
Control
I
LOAD
10%
90%
t
ON
+
+
t
OFF
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration


Similar Part No. - LCA717STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA717STR IXYS-LCA717STR Datasheet
126Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
More results

Similar Description - LCA717STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1393 CLARE-CPC1393 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1394 CLARE-CPC1394 Datasheet
130Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1390 CLARE-CPC1390 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1330 CLARE-CPC1330 Datasheet
122Kb / 6P
   Single Pole OptoMOS짰 Relay
LCB716 CLARE-LCB716 Datasheet
126Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1020N CLARE-CPC1020N Datasheet
113Kb / 5P
   Single Pole OptoMOS짰 Relay
OMA160 CLARE-OMA160_1 Datasheet
317Kb / 5P
   Single Pole OptoMOS짰 Relay
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
   Dual Single-Pole OptoMOS짰 Relay
XAA117 CLARE-XAA117 Datasheet
137Kb / 6P
   Dual Single Pole OptoMOS짰 Relay
LBA716 CLARE-LBA716 Datasheet
140Kb / 7P
   Dual Single-Pole OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com