Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC5710N Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC5710N
Description  Phone Line Monitor (PLM) IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5710N Datasheet(HTML) 3 Page - Clare, Inc.

  CPC5710N_1 Datasheet HTML 1Page - Clare, Inc. CPC5710N_1 Datasheet HTML 2Page - Clare, Inc. CPC5710N_1 Datasheet HTML 3Page - Clare, Inc. CPC5710N_1 Datasheet HTML 4Page - Clare, Inc. CPC5710N_1 Datasheet HTML 5Page - Clare, Inc. CPC5710N_1 Datasheet HTML 6Page - Clare, Inc. CPC5710N_1 Datasheet HTML 7Page - Clare, Inc. CPC5710N_1 Datasheet HTML 8Page - Clare, Inc. CPC5710N_1 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CPC5710N
R02
www.clare.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
1.4 Recommended Operating Environment
1
2
3
4
8
7
6
5
V
DD
LIN/CMP
GND
IN
-
IN
+
CMPOUT
LINOUT+
LINOUT-
Pin
Name
Description
1
VDD
Power supply
2CMPOUT
Detector output
3LIN/CMP
Comparator Enable - disables linear amplifier
outputs.
4
LINOUT-
Linear amplifier inverting output
5
LINOUT+
Linear amplifier non-inverting output
6
IN+
Non-inverting differential input
7
IN-
Inverting differential input
8
GND
Ground
Parameter
Minimum Maximum
Unit
VDD
-0.3
6
V
Storage temperature
-40
+125
°C
Total package power
dissipation
300
mW
Logic input voltage
-0.3
VDD + 0.3
V
Absolute maximum ratings are stress ratings. Stresses in excess of these
ratings can cause permanent damage to the device. Functional operation
of the device at conditions beyond those indicated in the operational
sections of this data sheet is not implied.
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Temperature
-40
-
+85
°C
Humidity
Non-condensing
5
-
95
%


Similar Part No. - CPC5710N_1

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710NTR CLARE-CPC5710NTR Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
logo
IXYS Corporation
CPC5710NTR IXYS-CPC5710NTR Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
More results

Similar Description - CPC5710N_1

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
CPC5712 CLARE-CPC5712 Datasheet
388Kb / 11P
   Phone Line Monitor with Detectors (PLMD)
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
   Phone Line Interface IC (DAA)
logo
Clare, Inc.
CPC5622 CLARE-CPC5622 Datasheet
728Kb / 18P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620_1 Datasheet
725Kb / 17P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
   Speaker Phone IC
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
   PHONE LINE FILTER
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
   PHONE LINE FILTER
W4420F-252M-F10 SUPERWORLD-W4420F-252M-F10 Datasheet
210Kb / 8P
   PHONE LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com