Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC5710N Datasheet(PDF) 9 Page - Clare, Inc.

Part # CPC5710N
Description  Phone Line Monitor (PLM) IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5710N Datasheet(HTML) 9 Page - Clare, Inc.

Back Button CPC5710N_1 Datasheet HTML 2Page - Clare, Inc. CPC5710N_1 Datasheet HTML 3Page - Clare, Inc. CPC5710N_1 Datasheet HTML 4Page - Clare, Inc. CPC5710N_1 Datasheet HTML 5Page - Clare, Inc. CPC5710N_1 Datasheet HTML 6Page - Clare, Inc. CPC5710N_1 Datasheet HTML 7Page - Clare, Inc. CPC5710N_1 Datasheet HTML 8Page - Clare, Inc. CPC5710N_1 Datasheet HTML 9Page - Clare, Inc. CPC5710N_1 Datasheet HTML 10Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CPC5710N
R02
www.clare.com
9
4. Manufacturing Information
Note that the CPC5710N branding (package
imprinting) leaves off the last character of the part
number, the letter “N,” due to package space
limitations.
4.1 Mechanical Dimensions
4.1.1 8-Pin SOIC Package
4.1.2 Tape and Reel Specifications
8-Pin SOIC Package
Recommended PCB Land Pattern
Dimensions
mm
(inches)
1.52 / 1.73
(0.06 / 0.07)
0.53 REF
(0.021 REF)
0.10 / 0.25
(0.004 / 0.010)
4.80 / 4.98
(0.19 / 0.20)
PIN 1
0.356 / 0.457
(0.014 / 0.018)
5.80 / 6.20
(0.23 / 0.24)
3.81 / 3.99
(0.15 / 0.16)
1.27 TYP
(0.05 TYP)
0.41 / 1.27
(0.016 / 0.050)
0.19 / 0.25
(0.008 / 0.010)
1.37 / 1.58
(0.05 / 0.06)
1.27
(0.050)
5.40
(0.213)
1.55
(0.061)
0.60
(0.024)
Tape and Reel Packaging for 8-Pin SOIC Package
Top Cover
Tape
P = 8.00
± 0.10
(0.315
± 0.004)
User Direction of Feed
W = 12.00
± 0.30
(0.472
± 0.012)
B
0 = 5.30 ± 0.10
(0.209
± 0.004)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
A
0 = 6.50 ± 0.10
(0.256
± 0.004)
330.2 DIA.
(13.00 DIA.)
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
K
0= 2.10 ± 0.10
(0.083
± 0.004)
Dimensions
mm
(inches)


Similar Part No. - CPC5710N_1

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710NTR CLARE-CPC5710NTR Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
logo
IXYS Corporation
CPC5710NTR IXYS-CPC5710NTR Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
More results

Similar Description - CPC5710N_1

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
CPC5712 CLARE-CPC5712 Datasheet
388Kb / 11P
   Phone Line Monitor with Detectors (PLMD)
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
   Phone Line Interface IC (DAA)
logo
Clare, Inc.
CPC5622 CLARE-CPC5622 Datasheet
728Kb / 18P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620_1 Datasheet
725Kb / 17P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
   Speaker Phone IC
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
   PHONE LINE FILTER
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
   PHONE LINE FILTER
W4420F-252M-F10 SUPERWORLD-W4420F-252M-F10 Datasheet
210Kb / 8P
   PHONE LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com