Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1965Y Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1965Y
Description  AC Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1965Y Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1965Y Datasheet HTML 1Page - Clare, Inc. CPC1965Y Datasheet HTML 2Page - Clare, Inc. CPC1965Y Datasheet HTML 3Page - Clare, Inc. CPC1965Y Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.clare.com
2
CPC1965Y
R04
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚ C)
Electrical Characteristcs
Parameter
Ratings
Units
Blocking Voltage
600
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
100
mA
1A
Input Power Dissipation 1
150
mW
PD , Total Package Dissipation 2
1600
mW
Isolation Voltage Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mW/ºC
2 Derate Linearly 16.6 mW/ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Operating Voltage Range
V
L
-
20
-
260
V
rms
Load Current, Continuous
V
L=120-260Vrms
I
L
0.005
-
1.0
A
rms
Non-Repetitive Single Cycle Surge Current
-
I
TSM
-
-
10
A
Off State Leakage Current
V
L=600VP
I
LEAK
--
1
mA
On-State Voltage Drop
I
L=1Arms
-
-
-
1.6
V
rms
Critical Rate of Rise 3
-
dV/dt
1000
-
-
V/µs
Switching Speeds
Turn-on
I
F=5 mA
t
ON
-
-
0.5
cycles
Turn-off
t
OFF
-
-
0.5
Zero-Cross Turn-On Voltage
1st half cycle
-
-
2
10
V
Subsequent half cycle
-
-
1
-
V
Operating Frequency 1
-
-
20
-
400
Hz
Load Power Factor for Guaranteed Turn-On 2
-
PF
0.25
-
-
-
Input Characteristics @ 25°C
Input Control Current 4
-I
F
-
0.8
5
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Drop-out Voltage
-
-
0.8
-
-
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
1 Zero Cross 1st half cycle @ <100Hz
2 Snubber circuits may be required at low power factors.
3 Tested in accordance with EIA/NARM standard RS-443.
4 For high noise environments, use I
F=10mA.


Similar Part No. - CPC1965Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1965Y CLARE-CPC1965Y Datasheet
121Kb / 4P
   AC Solid State Relay
CPC1965Y CLARE-CPC1965Y Datasheet
110Kb / 6P
   AC Solid State Relay
logo
IXYS Corporation
CPC1965Y IXYS-CPC1965Y Datasheet
100Kb / 6P
   TTL and CMOS Compatible
logo
Clare, Inc.
CPC1965Y CLARE-CPC1965Y_11 Datasheet
110Kb / 6P
   AC Solid State Relay
More results

Similar Description - CPC1965Y

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
   AC Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
   AC Solid-State Relay
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
   AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
   AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
   AC SOLID STATE RELAY
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
   AC Solid State Relay
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
   AC Solid State Relay
logo
celduc-relais
SPA07420 CELDUC-SPA07420 Datasheet
78Kb / 2P
   AC Solid State Relay
logo
Clare, Inc.
CPC1945G CLARE-CPC1945G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com