Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86E0412SEC1903 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z86E0412SEC1903
Description  CMOS Z8 OTP MICROCONTROLLERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E0412SEC1903 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z86E0412SEC1903 Datasheet HTML 6Page - Zilog, Inc. Z86E0412SEC1903 Datasheet HTML 7Page - Zilog, Inc. Z86E0412SEC1903 Datasheet HTML 8Page - Zilog, Inc. Z86E0412SEC1903 Datasheet HTML 9Page - Zilog, Inc. Z86E0412SEC1903 Datasheet HTML 10Page - Zilog, Inc. Z86E0412SEC1903 Datasheet HTML 11Page - Zilog, Inc. Z86E0412SEC1903 Datasheet HTML 12Page - Zilog, Inc. Z86E0412SEC1903 Datasheet HTML 13Page - Zilog, Inc. Z86E0412SEC1903 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Z86E04/E08
CMOS Z8 OTP Microcontrollers
Zilog
10
P R E L I M I N A R Y
DS97Z8X1104
DC ELECTRICAL CHARACTERISTICS (Continued)
T
A = 0°C to +70°C
Typical
Sym Parameter
V
CC [4]
Min
Max
@ 25
°C
Units
Conditions
Notes
I
CC1
Standby Current
(Low Noise Mode)
4.5V
4.0
2.5
mA
HALT Mode V
IN = 0V,
V
CC @ 1 MHz
7
5.5V
4.0
2.5
mA
HALT Mode V
IN = 0V,
V
CC @ 1 MHz
7
4.5V
4.5
2.8
mA
HALT Mode V
IN = 0V,
V
CC @ 2 MHz
7
5.5V
4.5
2.8
mA
HALT Mode V
IN = 0V,
V
CC @ 2 MHz
7
4.5V
5.0
3.0
mA
HALT Mode V
IN = 0V,
V
CC @ 4 MHz
7
5.5V
5.0
3.0
mA
HALT Mode V
IN = 0V,
V
CC @ 4 MHz
7
I
CC2
Standby Current
4.5V
10.0
1.0
µA
STOP Mode V
IN = 0V, VCC
WDT is not Running
7,8
5.5V
10.0
1.0
µA
STOP Mode V
IN = 0V,VCC
WDT is not Running
7,8
I
ALL
Auto Latch Low
Current
4.5V
32.0
16
µA
0V < V
IN < VCC
5.5V
32.0
16
µA
0V < V
IN < VCC
I
ALH
Auto Latch High
Current
4.5V
–16.0
–8.0
µA
0V < V
IN < VCC
5.5V
–16.0
–8.0
µA
0V < V
IN < VCC
Notes:
1. Port 2 and Port 0 only
2. V
SS = 0V = GND
3. The device operates down to V
LV of the specified frequency for VLV
. The minimum operational VCC is determined on the value of
the voltage V
LV at the ambient temperature. The VLV increases as the temperature decreases.
4. VCC = 4.5 to 5.5V, typical values measured at VCC = 5.0V.
The VCC voltage specification of 5.5 V guarantees 5.0 V ± 0.5V with typical values measured at VCC = 5.0V.
5. Standard Mode (not Low EMI Mode)
6. Z86E08 only
7. All outputs unloaded and all inputs are at V
CC or VSS level.
8. If analog comparator is selected, then the comparator inputs must be at V
CC level.


Similar Part No. - Z86E0412SEC1903

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E0412SEC1903 ZILOG-Z86E0412SEC1903 Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
More results

Similar Description - Z86E0412SEC1903

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
   Z8 CMOS OTP Microcontrollers
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z86E0812PSG1866 ZILOG-Z86E0812PSG1866 Datasheet
833Kb / 45P
   Z86E04/E08 CMOS Z8 OTP MICROCONTROLLERS
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com