Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9154A-43CS16 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # 9154A-43CS16
Description  Low-Cost 16-Pin Frequency Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9154A-43CS16 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button 9154A-43CS16 Datasheet HTML 3Page - Integrated Circuit Systems 9154A-43CS16 Datasheet HTML 4Page - Integrated Circuit Systems 9154A-43CS16 Datasheet HTML 5Page - Integrated Circuit Systems 9154A-43CS16 Datasheet HTML 6Page - Integrated Circuit Systems 9154A-43CS16 Datasheet HTML 7Page - Integrated Circuit Systems 9154A-43CS16 Datasheet HTML 8Page - Integrated Circuit Systems 9154A-43CS16 Datasheet HTML 9Page - Integrated Circuit Systems 9154A-43CS16 Datasheet HTML 10Page - Integrated Circuit Systems 9154A-43CS16 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Integrated
Circuit
Systems, Inc.
9154A
0174E—03/18/08
0.390
0.031
0.024
0.016
0.050
0.063
0.006±0.004
0.238
0.154
0.008
0.015
0.025
16-Pin SOIC Package
Ordering Information
9154A-27CS16
9154A-42CS16
9154A-04CS16
9154A-10CS16
Example:
Lead Free, RoHS Compliant (Optional)
Lead Count
Package Type
S = SOIC
Pattern Number (2 digit number for parts with ROM-code patterns)
Device Type
9154A - PPC S 16 LF
9154A-43CS16


Similar Part No. - 9154A-43CS16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9154A IDT-9154A Datasheet
161Kb / 11P
   Low-Cost 16-Pin Frequency Generator
More results

Similar Description - 9154A-43CS16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9154A ICST-AV9154A Datasheet
901Kb / 10P
   Low-Cost 16-Pin Frequency Generator
logo
Integrated Device Techn...
9154A IDT-9154A Datasheet
161Kb / 11P
   Low-Cost 16-Pin Frequency Generator
logo
Integrated Circuit Syst...
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
   Low Cost 16-Pin Frequency Generator
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
   Low-Cost 8-Pin Frequency Generator
AV9155C ICST-AV9155C Datasheet
358Kb / 14P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Device Techn...
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Circuit Syst...
ICS9169C-36 ICST-ICS9169C-36 Datasheet
132Kb / 5P
   Low Cost 20-Pin Frequency Generator
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
   Low Cost 20-Pin Frequency Generator
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
   Low Cost 20-Pin Frequency Generator
logo
Integrated Device Techn...
ICS9120-45 IDT-ICS9120-45 Datasheet
313Kb / 5P
   Low-Cost 8-Pin Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com