Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTM7700G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTM7700G
Description  TrilithIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7700G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTM7700G Datasheet HTML 6Page - Infineon Technologies AG BTM7700G Datasheet HTML 7Page - Infineon Technologies AG BTM7700G Datasheet HTML 8Page - Infineon Technologies AG BTM7700G Datasheet HTML 9Page - Infineon Technologies AG BTM7700G Datasheet HTML 10Page - Infineon Technologies AG BTM7700G Datasheet HTML 11Page - Infineon Technologies AG BTM7700G Datasheet HTML 12Page - Infineon Technologies AG BTM7700G Datasheet HTML 13Page - Infineon Technologies AG BTM7700G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
BTM7700G
Data Sheet
3
Rev. 1.0, 2007-06-12
5
Electrical Characteristics
5.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings1)
– 40
°C < T
j < 150
°C
1) Not subject to production test; specified by design
Pos.
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
High-Side-Switches (Pins DHVS, IH1,2 and SH1,2)
5.1.1
Supply voltage
V
S
– 0.3
42
V
5.1.2
Supply voltage for full short circuit
protection
V
S(SCP)
28
V
5.1.3
HS-drain current2)
2) Single pulse
I
S
– 7
3)
3) Internally limited
A
T
A = 25°C; tP < 100 ms
5.1.4
HS-input current
I
IH
– 5
5
mA Pin IH1 and IH2
5.1.5
HS-input voltage
V
IH
– 10
16
V
Pin IH1 and IH2
Status Output ST
5.1.6
Status pull up voltage
V
ST
– 0.3
5.4
V
5.1.7+
Status Output current
I
ST
– 5
5
mA Pin ST
5.1.8
Low-Side-Switches (Pins DL1,2, IL1,2 and SL1,2)
5.1.9
Drain-Source-Clamp voltage
V
DSL
55
V
V
IL = 0 V; ID ≤ 1 mA
T
j = 25°C
5.1.10
LS-drain current2)
I
DL
– 7
6
A
T
A = 25°C; tP < 100 ms
5.1.11
8
A
T
A = 25°C; tP < 10 ms
5.1.12
18
A
T
A = 25°C; tP < 1 ms
5.1.13
LS-input voltage
V
IL
– 20
20
V
Pin IL1 and IL2
Temperatures
5.1.14
Junction temperature
T
j
– 40
150
°C
5.1.15
Storage temperature
T
stg
– 55
150
°C
ESD Protection4)
4) ESD susceptibility HBM according to EIA/JESD22-A114-B (1.5k
Ω, 100pF)
5.1.16
Input LS-Switch
V
ESD
0.3
kV
5.1.17
Input HS-Switch
V
ESD
1
kV
5.1.18
Status HS-Switch
V
ESD
2
kV
5.1.19
Output LS and HS-Switch
V
ESD
8
kV
all other pins connected
to Ground


Similar Part No. - BTM7700G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
BTM7710GP INFINEON-BTM7710GP Datasheet
586Kb / 18P
   TrilithIC
Rev. 1.0, July 2008
BTM7740G INFINEON-BTM7740G Datasheet
330Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7741G INFINEON-BTM7741G Datasheet
333Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7742G INFINEON-BTM7742G Datasheet
1Mb / 25P
   High Current H-Bridge Trilith IC 3G
Rev. 1.0, May 2010
More results

Similar Description - BTM7700G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7710GP INFINEON-BTS7710GP Datasheet
238Kb / 16P
   TrilithIC
2001-02-01
logo
Siemens Semiconductor G...
BTS774G SIEMENS-BTS774G Datasheet
94Kb / 17P
   TrilithIC
logo
Infineon Technologies A...
BTM7750GP INFINEON-BTM7750GP Datasheet
352Kb / 18P
   TrilithIC
Rev. 1.0, July 2008
BTS780GP INFINEON-BTS780GP Datasheet
314Kb / 18P
   TrilithIC
1999-06-22
BTS7740G INFINEON-BTS7740G Datasheet
249Kb / 16P
   TrilithIC
2001-02-01
BTS7750G INFINEON-BTS7750G Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
BTM7810K INFINEON-BTM7810K Datasheet
567Kb / 18P
   TrilithIC
Rev. 1.0, May 2008
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
BTM7740G INFINEON-BTM7740G Datasheet
330Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7811K INFINEON-BTM7811K Datasheet
573Kb / 19P
   TrilithIC
Rev. 1.0, May 2008
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
   TrilithIC
2003-03-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com