Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC32M00301K Datasheet(PDF) 1 Page - AVX Corporation

Part # VC32M00301K
Description  Single Layer Varistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC32M00301K Datasheet(HTML) 1 Page - AVX Corporation

  VC32M00301K Datasheet HTML 1Page - AVX Corporation VC32M00301K Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Single Layer Varistors
VC32 Series
GENERAL DESCRIPTION
The VC32 Series offers the designer a surface mount solution with higher
voltage ratings and transient energy ratings than typical multi-layer varistors
(MLVs). Think of this series as surface mountable MOVs. This series, based on
our proven zinc oxide formulation, operates from -55ºC to 125ºC. Additionally,
the top and bottom surfaces of the chip are protected with a glass coating.
APPLICATIONS
L
W
T
t
LW
T
t
7.90 - 8.51
4.70 - 5.26
2.03 MAX
0.40 - 1.30
(0.311 - 0.335) (0.185 - 0.207)
(0.080 MAX)
(0.016 - 0.051)
PART DIMENSIONS
mm (inches)
PART SPECIFICATIONS
Leakage
Maximum
Maximum
Maximum
Typical
Part No.
V1mA
Vrms
Vdc
Current
Clamping
peak current
absorption capacitance
(nominal)
(max. µA) Voltage (80/20µs)
(8/20µs) lp(A)
(10/1000µs)
1kHz/0.5V
V
V
V
µA
Vp (V)
Ip (A)
2 Surge
10 Surge
20 Surge
100 Surge
J
pF
VC32M01750K--
270
175
225
200
455
10
200
100
80
50
15.0
135
VC32M00231K--
360
230
300
50
595
10
200
100
80
50
20.0
100
VC32M00251K--
390
250
330
50
650
10
200
100
80
50
21.0
90
VC32M02750K--
430
275
368
50
710
10
200
100
80
50
23.0
80
VC32M00301K--
470
300
385
50
775
10
200
100
80
50
23.0
70
HOW TO ORDER
PACKAGING
VC32
Type
VC3220
M0
Series
M = General Applications
0251
AC Operating
Voltage
EIA Coding
e.g. 0251 = 250V
AC
K
Tolerance
of 1mA
K = 10%
--
Packaging
Suffix
-- = Bulk
BG = Tape and Reel
D
0
A
0
A
D
1
P
2
P
0
P
1
A
T
Direction of unreeling
Section A-A
Cover tape
K
0
T
2
+0.15
-0
±1.5
12.75
ø62
W
2
W
1
Reel
Tape
Tape Dimensions
mm (inches)
Reel Dimensions
Tape Size 16 (0.630) VC32
Tolerance
A
0 x B0
5.3 x 8.7
±0.50 (0.20)
(0.209 x 0.043)
K
0
2.50 (0.098)
max.
T
2
3.00 (0.118)
max.
T
0.30 (0.012)
±0.10 (0.004)
D
0
1.50 (0.059)
+0.10/-0 (0.004/-0)
D
1
1.50 (0.059)
min.
P
0
4.00 (0.157)
±0.101) (0.0041))
P
2
2.00 (0.079)
±0.10 (0.004)
P
1
8.00 (0.315)
±0,10 (0.004)
W
16.00 (0.630)
±0.30 (0.012)
E
1.75 (0.069)
±0.10 (0.004)
F
7.50 (0.295)
±0.10 (0.004)
G
0.75 (0.030)
min.
Size
VC 32
A (mm)
330
-2
W
1
16.4
+1.5/-0
W
2
22.4
Packing Quantity
Type
Pieces/reel
VC 32
1000
1)
≤±0.2 (0.008) over 10 sprocket holes
• MOV (Radial) Replacement
• Suppression of transient on
line voltage
• Electric Meters
• Industrial Equipment
• Mains PSUs
• Telecommunications
• Consumer Electronics
RoHS COMPLIANT
Pb: Free


Similar Part No. - VC32M00301K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC32M00301K AVX-VC32M00301K Datasheet
183Kb / 2P
   Single Layer Varistors
More results

Similar Description - VC32M00301K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC32M02750 AVX-VC32M02750 Datasheet
183Kb / 2P
   Single Layer Varistors
logo
Panasonic Battery Group
EZJ-PZ PANASONICBATTERY-EZJ-PZ Datasheet
868Kb / 1P
   Multi-Layer Ceramic Varistors
logo
Kemet Corporation
NBL20602S KEMET-NBL20602S Datasheet
57Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL15602S KEMET-NBL15602S Datasheet
58Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL45402H-A KEMET-NBL45402H-A Datasheet
78Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL45282H-A3 KEMET-NBL45282H-A3 Datasheet
73Kb / 1P
   KEMET, NBL, Transducers, Single-layer
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
List of Unclassifed Man...
ATC111 ETC1-ATC111 Datasheet
218Kb / 12P
   ATC Millimeter Wavelength Single Layer Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com