Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULW3 Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # ULW3
Description  UL Recognised Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

ULW3 Datasheet(HTML) 3 Page - Welwyn Components Limited

  ULW3 Datasheet HTML 1Page - Welwyn Components Limited ULW3 Datasheet HTML 2Page - Welwyn Components Limited ULW3 Datasheet HTML 3Page - Welwyn Components Limited ULW3 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Welwyn Components
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0)1670 822181 · Facsimile: +44 (0)1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
03. 09
UL Recognised Wirewound Resistors
ULW Series
Pulse Performance
Fusing Performance
1.2/50µsPeakVoltage Limit
(10 pulses at 10s intervals, R<5%)
Note the voltage show n is the nett voltage across the
resistor. The generator open circuit voltage w ill be higher
due to the generator's internal impedance.
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
90 100
Value (ohms)
Pulse Energy Limit
(single or low repetition rate, R<5%)
0
1
2
3
4
5
6
7
8
0
10 20
30
40
50 60
70
80 90 100
Value (ohms)
ULW2
ULW2
ULW3
ULW3
ULW4-10RJ has an energy limit of 4.3J and a 1.2/50 s peak voltage limit of 1.1kV.
ULW2 Fusing Characteristic
0
10
20
30
40
50
60
30
35
40
45
50
55
60
Initial Power (W)
Notes:
1. Typical fusing times are around 1/3 of the maximum figures.
2. After fusing the resistance value is >100 times the initial nominal value.
3. Suitable for fusing at voltages up to 264Vrms.
ULW3 & ULW4 Fusing Characteristic
0
10
20
30
40
50
60
50
60
70
80
90
100
110
120
Initial Power (W)


Similar Part No. - ULW3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULW3 ETC2-ULW3 Datasheet
269Kb / 4P
   UL Recognised Wirewound Resistors
logo
TT Electronics.
ULW3 TTELEC-ULW3 Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
logo
List of Unclassifed Man...
ULW3-10RJA1 ETC2-ULW3-10RJA1 Datasheet
470Kb / 5P
   UL Recognised Wirewound Resistors
ULW3-22RJA1 ETC2-ULW3-22RJA1 Datasheet
481Kb / 5P
   UL Recognised Wirewound Resistors
ULW3-33RJA1 ETC2-ULW3-33RJA1 Datasheet
481Kb / 5P
   UL Recognised Wirewound Resistors
More results

Similar Description - ULW3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULW2-22RJA25 ETC2-ULW2-22RJA25 Datasheet
470Kb / 5P
   UL Recognised Wirewound Resistors
ULW3-22RJA1 ETC2-ULW3-22RJA1 Datasheet
481Kb / 5P
   UL Recognised Wirewound Resistors
ULW4-10RJA1 ETC2-ULW4-10RJA1 Datasheet
269Kb / 4P
   UL Recognised Wirewound Resistors
ULW3-33RJA1 ETC2-ULW3-33RJA1 Datasheet
481Kb / 5P
   UL Recognised Wirewound Resistors
logo
TT Electronics.
ULW TTELEC-ULW Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
logo
List of Unclassifed Man...
ULW3-10RJA1 ETC2-ULW3-10RJA1 Datasheet
470Kb / 5P
   UL Recognised Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com