Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULW2 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # ULW2
Description  UL Recognised Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

ULW2 Datasheet(HTML) 1 Page - Welwyn Components Limited

  ULW2 Datasheet HTML 1Page - Welwyn Components Limited ULW2 Datasheet HTML 2Page - Welwyn Components Limited ULW2 Datasheet HTML 3Page - Welwyn Components Limited ULW2 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ULW2
ULW3
ULW4
Power rating at 25°C
watts
2
3
4
5 second overload rating at 25ºC
watts
10
15
20
Inrush / surge performance
See Pulse Performance graphs
Resistance range
ohms
22 to 100
10 to 100
10
TCR
ppm/°C
±200
Isolation voltage
volts
250
350
500
Resistance tolerance
%
5
UL recognised standard values
ohms
22, 33, 47, 68, 100
10, 22, 27, 33, 47, 68, 100
10
Thermal impedance
°C/watt
110
82
62
Ambient temperature range
°C
-55 to +155
Welwyn Components
A subsidiary of
TT electronics plc
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0)1670 822181 · Facsimile: +44 (0)1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
03. 09
UL Recognised
Wirewound Resistors
ULW Series
Physical Data
· UL1412 recognised fusible resistor *
· Failsafe mains fusing at 120 / 240Vrms
· Inrush and surge withstanding
· UL94-V0 flameproof coating
· SMD leadform option available
· RoHS compliant
* UL file number E234469.
Electrical Data
Dimensions (mm) and weight (g)
Type
L Max
D Max
f min
d nom
PCB
mount
centres
Min
bend
radius
Min
bend
radius
ULW2
9.0
3.6
19.8
0.8
12.7
1.2
0.5
ULW3
14.5
5.2
24.6
20.3
1.1
ULW4
13
5.6
22.8
18.9
1.0
Note - no limiting element voltage applies; maximum continuous voltage is
√(P.R)
Construction
A high purity ceramic rod is assembled with interference fit end caps to which are welded the terminations. The surge withstanding resistive element
is wound on the rod and welded to the caps. Flameproof fusible cement coating is applied prior to marking with indelible ink. The components are
then leadformed if required and packed.
Marking
ULW2 & ULW3 resistors are marked with five colour bands. The first four indicate value and tolerance in conformance with IEC62. The fifth yellow
band denotes defined fusibility. ULW4 resistors are legend marked with type, value and tolerance.
d
f
L
D


Similar Part No. - ULW2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULW2 ETC2-ULW2 Datasheet
269Kb / 4P
   UL Recognised Wirewound Resistors
logo
TT Electronics.
ULW2 TTELEC-ULW2 Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
logo
List of Unclassifed Man...
ULW2-22RJA25 ETC2-ULW2-22RJA25 Datasheet
470Kb / 5P
   UL Recognised Wirewound Resistors
logo
TT Electronics.
ULW2-33RJA1 TTELEC-ULW2-33RJA1 Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
ULW2-33RJA25 TTELEC-ULW2-33RJA25 Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
More results

Similar Description - ULW2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULW2-22RJA25 ETC2-ULW2-22RJA25 Datasheet
470Kb / 5P
   UL Recognised Wirewound Resistors
ULW3-22RJA1 ETC2-ULW3-22RJA1 Datasheet
481Kb / 5P
   UL Recognised Wirewound Resistors
ULW4-10RJA1 ETC2-ULW4-10RJA1 Datasheet
269Kb / 4P
   UL Recognised Wirewound Resistors
ULW3-33RJA1 ETC2-ULW3-33RJA1 Datasheet
481Kb / 5P
   UL Recognised Wirewound Resistors
logo
TT Electronics.
ULW TTELEC-ULW Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
logo
List of Unclassifed Man...
ULW3-10RJA1 ETC2-ULW3-10RJA1 Datasheet
470Kb / 5P
   UL Recognised Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com