Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79R4700-200DP Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 79R4700-200DP
Description  64-Bit RISC Microprocessor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79R4700-200DP Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 79R4700-200DP Datasheet HTML 2Page - Integrated Device Technology 79R4700-200DP Datasheet HTML 3Page - Integrated Device Technology 79R4700-200DP Datasheet HTML 4Page - Integrated Device Technology 79R4700-200DP Datasheet HTML 5Page - Integrated Device Technology 79R4700-200DP Datasheet HTML 6Page - Integrated Device Technology 79R4700-200DP Datasheet HTML 7Page - Integrated Device Technology 79R4700-200DP Datasheet HTML 8Page - Integrated Device Technology 79R4700-200DP Datasheet HTML 9Page - Integrated Device Technology 79R4700-200DP Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6 of 25
December 5, 2008
IDT79R4700
Because the cache is virtually indexed, the virtual-to-physical
address translation occurs in parallel with the cache access, further
increasing performance by allowing these two operations to occur simul-
taneously. The tag holds a 24-bit physical address and valid bit and is
parity protected.
The instruction cache is 64-bits wide and can be refilled or accessed
in a single processor cycle. For a peak instruction bandwidth of 800MB/
sec at 200MHz, instruction fetches require only 32 bits per cycle. To
reduce power dissipation, sequential accesses take advantage of the
64-bit fetch. To minimize the cache miss penalty, cache miss refill writes
use 64 bits-per-cycle, and to maximize cache performance, the line size
is eight instructions (32 bytes).
Data Cache
For fast, single cycle data access, the RC4700 includes a 16KB on-
chip data cache that is two-way set associative with a fixed 32-byte
(eight words) line size.
The data cache is protected with byte parity and its tag is protected
with a single parity bit. It is virtually indexed and physically tagged to
allow simultaneous address translation and data cache access
The normal write policy is writeback, which means that a store to a
cache line does not immediately cause memory to be updated. This
increases system performance by reducing bus traffic and eliminating
the bottleneck of waiting for each store operation to finish before issuing
a subsequent memory operation. Software can however select write-
through on a per-page basis when it is appropriate, such as for frame
buffers.
Associated with the data cache is the store buffer. When the RC4700
executes a Store instruction, this single-entry buffer gets written with the
store data while the tag comparison is performed. If the tag matches,
then the data is written into the data cache in the next cycle that the data
cache is not accessed (the next non-load cycle). The store buffer allows
the R4700 to execute a store instruction every processor cycle and to
perform back-to-back stores without penalty.
The data cache can provide 8 bytes each clock cycle, for a peak
bandwidth of 1.6 GB/sec.
Write Buffer
Writes to external memory—whether they are cache miss write-
backs, stores to uncached or write-through addresses—use the on-chip
write buffer. The write buffer holds a maximum of four 64-bit address and
64-bit data pairs. The entire buffer is used for a data cache writeback
and allows the processor to proceed in parallel with memory updates.
System Interface
The RC4700 supports a 64-bit system interface. This interface oper-
ates from two clocks—TClock[1:0] and RClock[1:0]—provided by the
RC4700, at some division of the internal clock.
The system interface consists of a 64-bit Address/Data bus with
eight check bits and a 9-bit command bus protected with parity. In addi-
tion, there are eight handshake signals and six interrupt inputs. The
interface has a simple timing specification and is capable of transferring
data between the processor and memory at a peak rate of 500MB/sec
with a 67MHz bus.
System Address/Data Bus
The 64-bit System Address Data (SysAD) bus is used to transfer
addresses and data between the RC4700 and the rest of the system. It
is protected with an 8-bit parity check bus, SysADC.
The system interface is configurable to allow easier interfacing to
memory and I/O systems of varying frequencies. The data rate and the
bus frequency at which the RC4700 transmits data to the system inter-
face are programmable via boot time mode control bits. Also, the rate at
which the processor receives data is fully controlled by the external
device. Therefore, either a low cost interface requiring no read or write
buffering or a faster, high performance interface can be designed to
communicate with the RC4700. Again, the system designer has the flex-
ibility to make these price/performance trade-offs.
System Command Bus
The RC4700 interface has a 9-bit System Command (SysCmd) bus.
The command bus indicates whether the SysAD bus carries an address
or data. If the SysAD carries an address, then the SysCmd bus also
indicates what type of transaction is to take place (for example, a read
or write). If the SysAD carries data, then the SysCmd bus also gives
information about the data (for example, this is the last data word trans-
mitted, or the cache state of this data line is clean exclusive). The
SysCmd bus is bidirectional to support both processor requests and
external requests to the RC4700. Processor requests are initiated by
the RC4700 and responded to by an external device. External requests
are issued by an external device and require the RC4700 to respond.
The RC4700 supports one to eight byte and block transfers on the
SysAD bus. In the case of a sub-doubleword transfer, the low-order
three address bits give the byte address of the transfer, and the
SysCmd bus indicates the number of bytes being transferred.
Handshake Signals
There are six handshake signals on the system interface. Two of
these, RdRdy* and WrRdy* are used by an external device to indicate to
the RC4700 whether it can accept a new read or write transaction. The
RC4700 samples these signals before deasserting the address on read
and write requests.
ExtRqst* and Release* are used to transfer control of the SysAD and
SysCmd buses between the processor and an external device. When
an external device needs to control the interface, it asserts ExtRqst*.
The RC4700 responds by asserting Release* to release the system
interface to slave state.


Similar Part No. - 79R4700-200DP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79R4700100DP RENESAS-79R4700100DP Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
79R4700100GH RENESAS-79R4700100GH Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
79R4700133DP RENESAS-79R4700133DP Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
79R4700133GH RENESAS-79R4700133GH Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
79R4700150DP RENESAS-79R4700150DP Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
More results

Similar Description - 79R4700-200DP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com