Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79RV3041-16PF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 79RV3041-16PF
Description  INTEGRATED RISController??FOR LOW-COST SYSTEMS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RV3041-16PF Datasheet(HTML) 2 Page - Integrated Device Technology

  79RV3041-16PF Datasheet HTML 1Page - Integrated Device Technology 79RV3041-16PF Datasheet HTML 2Page - Integrated Device Technology 79RV3041-16PF Datasheet HTML 3Page - Integrated Device Technology 79RV3041-16PF Datasheet HTML 4Page - Integrated Device Technology 79RV3041-16PF Datasheet HTML 5Page - Integrated Device Technology 79RV3041-16PF Datasheet HTML 6Page - Integrated Device Technology 79RV3041-16PF Datasheet HTML 7Page - Integrated Device Technology 79RV3041-16PF Datasheet HTML 8Page - Integrated Device Technology 79RV3041-16PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
IDT79R3041 INTEGRATED RISController FOR LOW COST SYSTEMS
COMMERCIAL TEMPERATURE RANGE
Device
Instruction
Data
Floating
Bus
Name
Cache
Cache
Point
Options
R3051
4kB
2kB
Software Emulation
Mux’ed A/D
R3052
8kB
2kB
Software Emulation
Mux’ed A/D
R3071
16kB
4kB
On-chip Hardware
1/2 frequency bus option
R3081
or 8kB
or 8kB
R3041
2kB
512B
Software Emulation
8-, 16-, and 32-bit port width support
Programmable timing support
2905 tbl 01
INTRODUCTION
The IDT RISController family is a series of high-perfor-
mance 32-bit microprocessors featuring a high-level of inte-
gration, and targeted to high-performance but cost sensitive
embedded processing applications. The RISController family
is designed to bring the high-performance inherent in the
MIPS RISC architecture into low-cost, simplified, power sen-
sitive applications.
Thus, functional units have been integrated onto the CPU
core in order to reduce the total system cost, rather than to
increase the inherent performance of the integer engine.
Nevertheless, the RISController family is able to offer 35MIPS
of integer performance at 40MHz without requiring external
SRAM or caches.
Further, the RISController family brings dramatic power
reduction to these embedded applications, allowing the use of
low-cost packaging. Thus, the RISController family allows
customer applications to bring maximum performance at
minimum cost.
The R3041 extends the range of price/performance achiev-
Table 1. Pin-Compatible RISController Family
Figure 2. RISController Family 5-Stage Pipeline
CPU Core
The CPU core is a full 32-bit RISC integer execution
engine, capable of sustaining close to a single cycle execution
rate. The CPU core contains a five stage pipeline, and 32
orthogonal 32-bit registers. The RISController family imple-
ments the MIPS-I Instruction Set Architecture (ISA). In fact,
the execution engine of the R3041 is the same as the
execution engine of the R3000A. Thus, the R3041 is binary
compatible with those CPU engines, as well as compatible
with other members of the RISController family.
able with the RISController family, by dramatically lowering
the cost of using the MIPS architecture. The R3041 is de-
signed to achieve minimal system and components cost, yet
maintain the high-performance inherent in the MIPS architec-
ture. The R3041 also maintains pin and software compatibility
with the RISController and R3081.
The RISController family offers a variety of price/perfor-
mance features in a pin-compatible, software compatible
family. Table 1 provides an overview of the current members
of the RISController family. Note that the R3051, R3052, and
R3081 are also available in pin-compatible versions that
include a full-function memory management unit, including
64-entry TLB. The R3051/2 and R3081 are described in
separate manuals and data sheets.
Figure 1 shows a block level representation of the func-
tional units within the R3041. The R3041 can be viewed as the
embodiment of a discrete solution built around the R3000A.
By integrating this functionality on a single chip, dramatic cost
and power reductions are achieved.
An overview of these blocks is presented here, followed
with detailed information on each block.
IF
Current
CPU
Cycle
I#1
ALU
RD
MEM
WB
IF
I#2
ALU
RD
MEM
WB
IF
I#3
ALU
RD
MEM
WB
IF
I#4
ALU
RD
MEM
WB
IF
I#5
ALU
RD
MEM
WB
2905 drw 02
The execution engine of the RISController family uses a
five-stage pipeline to achieve close to single cycle execution.
A new instruction can be started in every clock cycle; the
execution engine actually processes five instructions concur-
rently (in various pipeline stages). The five parts of the pipeline
are the Instruction Fetch, Read register, ALU execution,
Memory, and Write Back stages. Figure 2 shows the
concurrency achieved by the RISController family pipeline.


Similar Part No. - 79RV3041-16PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RV4640-100DU IDT-79RV4640-100DU Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
79RV4640-100DUG IDT-79RV4640-100DUG Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
79RV4640-100DUGI IDT-79RV4640-100DUGI Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
79RV4640-100DUI IDT-79RV4640-100DUI Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
79RV4640-100DZ IDT-79RV4640-100DZ Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
More results

Similar Description - 79RV3041-16PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
logo
Intersil Corporation
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
   Low Cost 24V SLIC For PABX / Key Systems
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
Freescale Semiconductor...
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
   Low Cost Integrated Multiprotocol Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com