Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC373 Datasheet(PDF) 3 Page - Wing Shing Computer Components

Part # 74HC373
Description  Octal Transparent D-type Latches W ith 3-State Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

74HC373 Datasheet(HTML) 3 Page - Wing Shing Computer Components

  74HC373 Datasheet HTML 1Page - Wing Shing Computer Components 74HC373 Datasheet HTML 2Page - Wing Shing Computer Components 74HC373 Datasheet HTML 3Page - Wing Shing Computer Components 74HC373 Datasheet HTML 4Page - Wing Shing Computer Components 74HC373 Datasheet HTML 5Page - Wing Shing Computer Components 74HC373 Datasheet HTML 6Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TIMING REQUIREMENTS OVER RECOMMENDED OPERATING TEMPERATURE
(unless otherwise specified)
TA = 25℃
-40 ~ +85
Parameter
VDD
Min
Max
Min
Max
Unit
2.0 V
80
100
tw
Pulse duration, LE high
4.5V
16
20
ns
6.0 V
14
17
2.0 V
50
63
tsu
Setup time, data before LE
4.5V
10
13
ns
6.0 V
9
11
2.0 V
20
24
th
Hold time, data after LE
4.5V
10
12
ns
6.0 V
10
12
AC
ELECTRICAL
CHARACTERISTICS
OVER
RECOMMENDED
OPERATING
TEMPERATURE, CL = 50 pF
(unless otherwise specified)
Parameter
From
To
VDD
TA = 25℃
-40 ~ +85
(Input)
(Output)
Min
Typ
Max
Min
Max
Unit
2.0 V
58
150
190
D
Q
4.5V
15
30
38
ns
6.0 V
13
26
32
2.0 V
73
175
220
4.5V
18
35
44
tpd
LE
Any Q
6.0 V
15
30
38
___
2.0 V
65
150
190
ten
OE
Any Q
4.5V
17
30
38
ns
6.0 V
14
26
32
2.0 V
50
150
190
4.5V
15
30
38
tdis
___
OE
Any Q
6.0 V
13
26
32
2.0 V
28
60
75
tt
Any Q
4.5V
8
12
15
ns
6.0 V
6
10
13
WS74HC373


Similar Part No. - 74HC373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC373 PHILIPS-74HC373 Datasheet
56Kb / 8P
   Octal D-type transparent latch; 3-state
September 1993
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
ON Semiconductor
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
logo
NXP Semiconductors
74HC373 NXP-74HC373 Datasheet
179Kb / 26P
   Octal D-type transparent latch; 3-state
Rev. 5-13 December 2011
logo
Silicon Supplies
74HC373 SS-74HC373 Datasheet
1Mb / 7P
   High Speed CMOS Logic
More results

Similar Description - 74HC373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com