Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79R4700 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT79R4700
Description  64-Bit RISC Microprocessor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79R4700 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT79R4700 Datasheet HTML 1Page - Integrated Device Technology IDT79R4700 Datasheet HTML 2Page - Integrated Device Technology IDT79R4700 Datasheet HTML 3Page - Integrated Device Technology IDT79R4700 Datasheet HTML 4Page - Integrated Device Technology IDT79R4700 Datasheet HTML 5Page - Integrated Device Technology IDT79R4700 Datasheet HTML 6Page - Integrated Device Technology IDT79R4700 Datasheet HTML 7Page - Integrated Device Technology IDT79R4700 Datasheet HTML 8Page - Integrated Device Technology IDT79R4700 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2 of 25
December 5, 2008
IDT79R4700
This data sheet provides an overview of the R4700’s CPU features
and architecture. A more detailed description of this processor is
provided in the IDT79R4700 RISC Processor Hardware User’s Manual,
available from Integrated Device Technology (IDT). Information on
development support, applications notes and complementary products
is available on the IDT Web site www.idt.com or through your local IDT
sales representative.
Note: Throughout this data sheet and any other IDT materials for this
device, the R4700 indicates a 5V part; RV4700 designates a reduced
voltage (3V) part; and the RC4700 reflects either.
Figure 1 The RC4700 CPO Registers
Hardware Overview
The RC4700 processor family brings a high-level of integration
designed for high-performance computing. The R4700’s key elements
are briefly described below. A more detailed explanation of each
subsystem is available in the user’s manual.
Pipeline
The RC4700 uses a simple 5-stage pipeline, similar to the pipeline
structure implemented in the IDT79R32364. This pipeline’s simplicity
allows the RC4700 to be lower cost and lower power than super-scalar
or super-pipelined processors. The pipeline stages are shown in Figure
3 on page 3.
Integer Execution Engine
The R4700 implements the MIPS-III Instruction Set architecture and
is upwardly compatible with applications that run on earlier generation
parts.
Implementation of the MIPS-III architecture results in 64-bit opera-
tions, better code density, greater multi-processing support, improved
performance for commonly used code sequences in operating system
kernels and faster execution of floating-point intensive applications. All
0
47
TLB
(entries protected
from TLBWR)
EntryHi
10*
EntryLo0
2*
EntryLo1
3*
PageMask
5*
Wired
6*
Random
1*
Index
0*
Status
12*
Cause
13*
EPC
14*
ErrorEPC
30*
Count
9*
Compare
11*
Context
4*
XContext
20*
PRId
15*
Config
16*
TagHi
29*
TagLo
28*
ECC
26*
CacheErr
27*
BadVAddr
8*
LLAddr
17*
* Register number
3*
resource dependencies are made transparent to the programmer,
insuring transportability among implementations of the MIPS instruction
set architecture.
The MIPS integer unit implements a load/store architecture with
single cycle ALU operations (logical, shift, add, sub) and an autono-
mous multiply/divide unit. Register resources include:
32 general-purpose orthogonal integer registers
HI/LO result registers, for the integer multiply/divide unit
Program counter
Also, the on-chip floating-point co-processor adds 32 floating-point
registers and a floating-point control/status register.
Register File
The R4700 has 32 general-purpose registers (shown in Figure 2).
These registers are used for scalar integer operations and address
calculation. The register file consists of two read ports and one write
port and is fully bypassed to minimize operation latency in the pipeline.
ALU
The RC4700 ALU consists of the integer adder and logic unit. The
adder performs address calculations in addition to arithmetic operations,
and the logic unit performs all logical and shift operations. Each of these
units is highly optimized and can perform an operation in a single pipe-
line cycle.
Integer Multiply/Divide
To perform integer multiply and divide operations, the RC4700 uses
the floating-point unit. The results of the operation are placed in the HI
and LO registers. The values can then be transferred to the general
purpose register file using the MFHI/MFLO instructions. To prevent the
General Purpose Registers
Multiply/Divide Registers
63
0
063
0
r1
HI
r2
63
0
•LO
Program Counter
•63
0
r29
PC
r30
r31
Figure 2 R4700 CPU Registers


Similar Part No. - IDT79R4700

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Integrated Device Techn...
IDT79R4700-100-DP IDT-IDT79R4700-100-DP Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
IDT79R4700-100-GH IDT-IDT79R4700-100-GH Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
IDT79R4700-100DF IDT-IDT79R4700-100DF Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
More results

Similar Description - IDT79R4700

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com