Part Name
         Description
72V81L20PAGI

 3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9 ( 12 Page)


IDT
100% 
Zoom Out Zoom In
 7 page
background image
7
COMMERCIALTEMPERATURERANGE
IDT72V81/72V82/72V83/72V84/72V85 3.3V CMOS DUAL ASYNCHRONOUS FIFO
512 x 9, 1024 x 9, 2048 x 9, 4096 x 9, 8192 x 9
FEBRUARY 5, 2009
Figure 9. Half-Full Flag Timing
Figure 10. Expansion Out
Figure 11. Expansion In
OPERATINGMODES:
Care must be taken to assure that the appropriate flag is monitored by each
system (i.e.
FFismonitoredonthedevicewhere Wisused;EFismonitoredon
the device where
R is used).
Single Device Mode
A single IDT72V81/72V82/72V83/72V84/72V85 may be used when the
application requirements are for 512/1,024/2,048/4,096/8,192 words or less.
These FIFOs are in a Single Device Configuration when the Expansion In (
XI)
control input is grounded (see Figure 12).
Depth Expansion
These devices can easily be adapted to applications when the requirements
are for greater than 512/1,024/2,048/4,096/8,192 words. Figure 14 demon-
strates a four-FIFO Depth Expansion using two IDT72V81/72V82/72V83/
72V84/72V85s. Any depth can be attained by adding additional IDT72V81/
72V82/72V83/72V84/72V85s. These FIFOs operate in the Depth Expansion
mode when the following conditions are met:
1. ThefirstFIFOmustbedesignatedbygroundingtheFirstLoad(
FL)control
input.
2. All other FIFOs must have
FLin the high state.
3. The Expansion Out (
XO)pinofeachdevicemustbetiedtotheExpansion
In (
XI) pin of the next device. See Figure 14.
4. ExternallogicisneededtogenerateacompositeFullFlag(
FF)andEmpty
Flag (
EF). This requires the ORing of all EFs and ORing of all FFs (i.e. all
must be set to generate the correct composite
FFor EF). See Figure 14.
5. The Retransmit (
RT) function and Half-Full Flag (HF) are not available in
the Depth Expansion Mode.
W
XI
R
WRITE TO
FIRST PHYSICAL
LOCATION
READ FROM
FIRST PHYSICAL
LOCATION
tXIS
tXIR
tXI
tXIS
3966 drw 13
R
W
XO
3966 drw 12
WRITE TO
LAST PHYSICAL
LOCATION
tXOL
tXOH
READ FROM
LAST PHYSICAL
LOCATION
tXOL
tXOH
R
W
HF
tRHF
3966 drw 11
HALF-FULL OR LESS
MORE THAN HALF-FULL
HALF-FULL OR LESS
tWHF



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl