Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V85 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72V85
Description  3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V85 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72V85 Datasheet HTML 1Page - Integrated Device Technology IDT72V85 Datasheet HTML 2Page - Integrated Device Technology IDT72V85 Datasheet HTML 3Page - Integrated Device Technology IDT72V85 Datasheet HTML 4Page - Integrated Device Technology IDT72V85 Datasheet HTML 5Page - Integrated Device Technology IDT72V85 Datasheet HTML 6Page - Integrated Device Technology IDT72V85 Datasheet HTML 7Page - Integrated Device Technology IDT72V85 Datasheet HTML 8Page - Integrated Device Technology IDT72V85 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
COMMERCIALTEMPERATURERANGE
IDT72V81/72V82/72V83/72V84/72V85 3.3V CMOS DUAL ASYNCHRONOUS FIFO
512 x 9, 1024 x 9, 2048 x 9, 4096 x 9, 8192 x 9
FEBRUARY 5, 2009
Commercial
IDT72V81L15
IDT72V81L20
IDT72V82L15
IDT72V82L20
IDT72V83L15
IDT72V83L20
IDT72V84L15
IDT72V84L20
IDT72V85L15
IDT72V85L20
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tS
ShiftFrequency
40
33.3
MHz
tRC
Read Cycle Time
25
30
ns
tA
AccessTime
15
20
ns
tRR
ReadRecoveryTime
10
10
ns
tRPW
ReadPulseWidth
(2)
15
20
ns
tRLZ
Read Pulse Low to Data Bus at Low Z
(3)
3—
3—
ns
tWLZ
Write Pulse High to Data Bus at Low Z
(3, 4)
5—
5—
ns
tDV
Data Valid from Read Pulse High
5
5
ns
tRHZ
Read Pulse High to Data Bus at High Z
(3)
—15
15
ns
tWC
Write Cycle Time
25
30
ns
tWPW
WritePulseWidth
(2)
15
20
ns
tWR
WriteRecoveryTime
10
10
ns
tDS
DataSet-upTime
11
12
ns
tDH
DataHoldTime
0
0
ns
tRSC
Reset Cycle Time
25
30
ns
tRS
ResetPulseWidth
(2)
15
20
ns
tRSS
ResetSet-upTime
(3)
15
20
ns
tRSR
ResetRecoveryTime
10
10
ns
tRTC
RetransmitCycleTime
25
30
ns
tRT
RetransmitPulseWidth
(2)
15
20
ns
tRTS
RetransmitSet-upTime
(3)
15
20
ns
tRTR
RetransmitRecoveryTime
10
10
ns
tEFL
Reset to Empty Flag Low
25
30
ns
tHFH,FFH
ResettoHalf-FullandFullFlagHigh
25
30
ns
tRTF
RetransmitLowtoFlagsValid
25
30
ns
tREF
Read Low to Empty Flag Low
15
20
ns
tRFF
Read High to Full Flag High
15
20
ns
tRPE
Read Pulse Width after
EFHigh
15
20
ns
tWEF
Write High to Empty Flag High
15
20
ns
tWFF
Write Low to Full Flag Low
15
20
ns
tWHF
Write Low to Half-Full Flag Low
25
30
ns
tRHF
Read High to Half-Full Flag High
25
30
ns
tWPF
WritePulseWidthafter
FFHigh
15
20
ns
tXOL
Read/Write to
XOLow
15
20
ns
tXOH
Read/Write to
XOHigh
15
20
ns
tXI
XIPulseWidth(2)
15
20
ns
tXIR
XI Recovery Time
10
10
ns
tXIS
XISet-upTime
10
10
ns
NOTES:
1. Timings referenced as in AC Test Conditions.
2. Pulse widths less than minimum value are not allowed.
3. Values guaranteed by design, not currently tested.
4. Only applies to read data flow-through mode.
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 3.3V±0.3V, TA = 0
°C to +70°C)


Similar Part No. - IDT72V85

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V85 IDT-IDT72V85 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V85 IDT-IDT72V85 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V85 IDT-IDT72V85 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V85 RENESAS-IDT72V85 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V851 IDT-IDT72V851 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
More results

Similar Description - IDT72V85

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com