Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-7800W-OU440 Datasheet(PDF) 1 Page - Harris Corporation

Part # RF-7800W-OU440
Description  Broadband Ethernet Radio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-7800W-OU440 Datasheet(HTML) 1 Page - Harris Corporation

  RF-7800W-OU440 Datasheet HTML 1Page - Harris Corporation RF-7800W-OU440 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
assuredcommunications ®
RF-7800W-ou440
BRoadBand EthERnEt
Radio
Long-range, high-capacity
wireless IP
NATO Band IV
(4.4-5.0 GHz)
Support for Point-to-Point
and Point-to-Multipoint
Applications
Lightweight and easy
to deploy
The RF-7800W Broadband Ethernet Radio leverages proven OFDM technology
to deliver high-speed Ethernet throughput over wireless links. Under clear
line-of-sight conditions, the RF-7800W can provide robust, long-range
connectivity at distances beyond 50 km. The all-Internet Protocol (IP) design
of the RF-7800W delivers a seamless extension of Ethernet LANs and WANs,
at proven Ethernet data rates greater than 80 Mbps. The RF-7800W provides
unmatched spectral flexibility with support for up to three different channel
sizes (10, 20, 40 MHz) in Point-to-Point (PTP) mode and two different channel
sizes (10 and 20 MHz) in Point-to-Multipoint (PMP) mode, and center frequency
specification in 1 MHz increments. Extremely low latency in PTP (less than 4 ms),
and PMP (less than 10 ms) ensures the successful delivery of bandwidth-intensive
applications such as VoIP, real time video, teleconferencing, and C4I. Designed
for the harshest outdoor conditions, the radio receives DC power over Ethernet
from the indoor unit via standard CAT-5 Ethernet cable.
Operating over the 4.4–5.0 GHz frequency band, the RF-7800W can be consid-
ered for wireless networking solutions such as public safety, first responders, train-
ing and simulation networks, and long/short-haul battlefield communications
connectivity. Transmissions can be secured via the embedded encryption capability
or via external Ethernet Inline Network Encryption (INE) devices.
The lightweight RF-7800W is easy to configure and deploy. Using a standard
Web browser, an operator has access to all required configuration items
and statistics necessary to configure and monitor the operation of the
radio. Third-party network management applications can also be
utilized via the standard SNMP interface.
The RF-7800W — dependable wireless broadband
communications for commercial and military
applications.


Similar Part No. - RF-7800W-OU440

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7800W-AA001 HARRIS-RF-7800W-AA001 Datasheet
2Mb / 2P
   CLOSED LOOP ANTENNA ALIGNMENT SYSTEM
RF-7800W-AT001 HARRIS-RF-7800W-AT001 Datasheet
395Kb / 2P
   Rapidly deployable one-foot panel antenna
RF-7800W-AT012 HARRIS-RF-7800W-AT012 Datasheet
269Kb / 2P
   Rapidly Deployable, Ruggedized Two-Foot Pa nel Antenna
RF-7800W-AT013 HARRIS-RF-7800W-AT013 Datasheet
264Kb / 2P
   Rapidly Deployable Three-Foot Parabolic grid Antenna
RF-7800W-IU100 HARRIS-RF-7800W-IU100 Datasheet
500Kb / 2P
   Network Interface Unit
More results

Similar Description - RF-7800W-OU440

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7800W-PA440 HARRIS-RF-7800W-PA440 Datasheet
1Mb / 2P
   DESIGNED FOR THE RF-7800W-OU440 BROADBAND ETHERNET RADIO
logo
Banner Engineering Corp...
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
   Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
logo
Murata Manufacturing Co...
SEM910DX MURATA-SEM910DX Datasheet
198Kb / 3P
   High-Speed Spread Spectrum Ethernet Radio Modem Family
SEM2410 MURATA-SEM2410 Datasheet
253Kb / 3P
   High Speed Spread Spectrum Ethernet Radio Modem Family
SEM910 MURATA-SEM910 Datasheet
198Kb / 3P
   High-Speed Spread Spectrum Ethernet Radio Modem Family
SEM2411 MURATA-SEM2411 Datasheet
367Kb / 3P
   High Speed Spread Spectrum Ethernet Radio Modem Family
logo
WAGO Kontakttechnik Gmb...
750-8207 WAGO-750-8207 Datasheet
904Kb / 17P
   Controller PFC200; 2 x ETHERNET, RS-232/-485, Mobile Radio Module
logo
BOWEI Integrated Circui...
HE316-1 BOWEI-HE316-1 Datasheet
61Kb / 1P
   Broadband Amplifier
HE316-3 BOWEI-HE316-3 Datasheet
61Kb / 1P
   Broadband Amplifier
HE371B BOWEI-HE371B Datasheet
124Kb / 1P
   Broadband Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com