Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9UMS9633BFW3LFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9UMS9633BFW3LFT
Description  ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9UMS9633BFW3LFT Datasheet(HTML) 1 Page - Integrated Device Technology

  9UMS9633BFW3LFT Datasheet HTML 1Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 2Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 3Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 4Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 5Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 6Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 7Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 8Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ICS9UMS9633BW
IDTTM/ICSTM Ultra Mobile PC Clock for Automotive use
1425A—09/02/09
Datasheet
ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
1
Recommended Application:
Features/Benefits:
Poulsbo Based Ultra-Mobile PC (UMPC) for Automotive Use
AEC Q100 compliant
Supports ULV CPUs with 67 to 167 MHz
CPU outputs
Dedicated TEST/SEL and TEST/MODE pins
saves isolation resistors on pins
CPU STOP# input for power manangment
Fully integrated Vreg
Integrated series resistors on differential
outputs
1.5V VDD IO operation, 3.3V VDD core and
REF supply pin for REF
-40 to +85C operating range
SSOP Pin Configuration
Output Features:
3 - CPU low power differential push-pull pairs
3 - SRC low power differential push-pull pairs
1 - LCD100 SSCD low power differential
push-pull pair
1 - DOT96 low power differential push-pull
pair
1 - REF, 14.31818MHz, 3.3V SE output
REF 1
48 VDDREF_3.3
GNDREF 247 X1
VDDCORE_3.3 346 X2
FSC_L 445 CLKPWRGD#/PD_3.3
TEST_MODE 544 CPU_STOP#
TEST_SEL 643 CPUT0_LPR
SCLK 742 CPUC0_LPR
SDATA 8
41 VDDIO_1.5
VDDCORE_3.3 940 GNDCPU
VDDIO_1.5 10
39 CPUT1_LPR
DOT96C_LPR 11
38 CPUC1_LPR
DOT96T_LPR 12
37 VDDCORE_3.3
GNDDOT 13
36 VDDIO_1.5
GNDLCD 14
35 GNDCPU
LCD100C_LPR 15
34 CPUT2_LPR
LCD100T_LPR 16
33 CPUC2_LPR
VDDIO_1.5 17
32 FSB_L
VDDCORE_3.3 18
31 *CR#2
*CR#0 19
30 SRCT2_LPR
GNDSRC 20
29 SRCC2_LPR
SRCC0_LPR 21
28 GNDSRC
SRCT0_LPR 22
27 SRCT1_LPR
*CR#1 23
26 SRCC1_LPR
VDDCORE_3.3 24
25 VDDIO_1.5
* indicates inputs with internal pull up of ~10Kohm to 3.3V
48 SSOP Package


Similar Part No. - 9UMS9633BFW3LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9UMS9633BFILFT IDT-9UMS9633BFILFT Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
More results

Similar Description - 9UMS9633BFW3LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
Silicon Laboratories
SL28610 SILABS-SL28610 Datasheet
277Kb / 23P
   Low Power Clock Generator for Intel짰 Ultra Mobile Platform
logo
Rohm
BU2279F ROHM-BU2279F Datasheet
48Kb / 2P
   Clock generator for PC
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
NIHON DEMPA KOGYO
2725N NDK-2725N_18 Datasheet
857Kb / 1P
   For notebook PC, mobile information terminal, and PC card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com