Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9UMS9633BFW3LFT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9UMS9633BFW3LFT
Description  ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9UMS9633BFW3LFT Datasheet(HTML) 4 Page - Integrated Device Technology

  9UMS9633BFW3LFT Datasheet HTML 1Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 2Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 3Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 4Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 5Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 6Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 7Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 8Page - Integrated Device Technology 9UMS9633BFW3LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
IDTTM/ICSTM Ultra Mobile PC Clock for Automotive use
1425A—09/02/09
ICS9UMS9633BW
ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
4
Datasheet
Funtional Block Diagram
Power Groups
CPU(2:0)
SRC(2:0)
LCD
SS-PLL
FSLB
CKPWRGD/PD#
CPU_STOP#
CR#(2:0)
TESTSEL
TESTMODE
Control
Logic
96M
Non-SS
PLL
LCD100_SSC
CPU, SRC
SS-PLL
REF
OSC
X1
X2
DOT96MHz
FSLC
SMBDAT
SMBCLK
VDD
GND
41, 46
Low power outputs
42
VDDCORE_3.3V
30
Low power outputs
29
VDDCORE_3.3V
22
Low power outputs
23
VDDCORE_3.3V
15
Low power outputs
14
VDDCORE_3.3V
57
18
Pin Number
Description
19
25, 33
CPUCLK
40, 45
Xtal, REF
SRCCLK
LCDCLK
DOT 96Mhz


Similar Part No. - 9UMS9633BFW3LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9UMS9633BFILFT IDT-9UMS9633BFILFT Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
More results

Similar Description - 9UMS9633BFW3LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
Silicon Laboratories
SL28610 SILABS-SL28610 Datasheet
277Kb / 23P
   Low Power Clock Generator for Intel짰 Ultra Mobile Platform
logo
Rohm
BU2279F ROHM-BU2279F Datasheet
48Kb / 2P
   Clock generator for PC
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
NIHON DEMPA KOGYO
2725N NDK-2725N_18 Datasheet
857Kb / 1P
   For notebook PC, mobile information terminal, and PC card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com