Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9LPRS535BGLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9LPRS535BGLF
Description  48-pin CK505 for Intel Systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9LPRS535BGLF Datasheet(HTML) 1 Page - Integrated Device Technology

  9LPRS535BGLF Datasheet HTML 1Page - Integrated Device Technology 9LPRS535BGLF Datasheet HTML 2Page - Integrated Device Technology 9LPRS535BGLF Datasheet HTML 3Page - Integrated Device Technology 9LPRS535BGLF Datasheet HTML 4Page - Integrated Device Technology 9LPRS535BGLF Datasheet HTML 5Page - Integrated Device Technology 9LPRS535BGLF Datasheet HTML 6Page - Integrated Device Technology 9LPRS535BGLF Datasheet HTML 7Page - Integrated Device Technology 9LPRS535BGLF Datasheet HTML 8Page - Integrated Device Technology 9LPRS535BGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
ICS9LPRS535
Datasheet
1461A—07/28/09
Pin Configuration
Recommended Application:
48-pin Low Cost CK505 w/fully integrated VREG and series
resistors on differential outputs
Output Features:
Integrated Series Resistors on differential outputs
2 - CPU differential push-pull pairs
4 - SRC differential push-pull pairs
1 - CPU/SRC selectable differential push-pull pair
1 - SRC/DOT selectable differential push-pull pair
1- SRC/Stop_Inputs selectable differential push-pull pair
1 - 25MHz SE1 output for Wake-on-Lan applications
3 - PCI, 33MHz
1 - USB, 48MHz
1 - REF, 14.31818MHz
Key Specifications:
CPU outputs cycle-cycle jitter < 85ps
SRC output cycle-cycle jitter < 125ps
PCI outputs cycle-cycle jitter < 250ps
+/-100ppm frequency accuracy on all clocks
48-pin CK505 for Intel Systems
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
Features/Benefits:
Supports spread spectrum modulation, default is 0.5%
down spread
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
Table 1: CPU Frequency Select Table
FSLC
2
B0b7
FSLB
1
B0b6
FSLA
1
B0b5
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
0
0
1
133.33
0
1
0
200.00
0
1
1
166.66
1
0
0
333.33
1
0
1
100.00
1
1
0
400.00
11
1
1. FS
LA and FSLB are low-threshold inputs.Pleas e see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS
LC is a three-level input. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
Reserved
100.00
33.33
14.318
48.00
96.00
PCI0/CR#_A 1
48 SCLK
VDDPCI 2
47 SDATA
PCI4/SRC5_EN 3
46 REF0/FSLC/TEST_SEL
PCI_F5/ITP_EN 4
45 VDDREF
GNDPCI 5
44 X1
VDD48 6
43 X2
USB_48MHz/FSLA 7
42 GNDREF
GND48 8
41 FSLB/TEST_MODE
VDD96_IO 9
40 CK_PWRGD/PD#
DOT96T_LPR/SRCT0_LPR 10
39 VDDCPU
DOT96C_LPR/SRCC0_LPR 11
38 CPUT0_LPR
GND 12
37 CPUC0_LPR
VDD 13
36 GNDCPU
SE1 14
35 CPUT1_LPR_F
GND 15
34 CPUC1_LPR_F
SRCT2_LPR/SATAT_LPR 16
33 VDDCPU_IO
SRCC2_LPR/SATAC_LPR 17
32 CPUT2_ITP_LPR/SRCT8_LPR
GNDSRC 18
31 CPUC2_ITP_LPR/SRCC8_LPR
SRCT3_LPR/CR#_C 19
30 VDDSRC_IO
SRCC3_LPR/CR#_D 20
29 SRCT7_LPR/CR#_F
VDDSRC_IO 21
28 SRCC7_LPR/CR#_E
SRCT4_LPR 22
27 GNDSRC
SRCC4_LPR 23
26 VDDSRC
CPU_STOP#/SRCC5_LPR 24
25 PCI_STOP#/SRCT5_LPR
48-SSOP/TSSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor


Similar Part No. - 9LPRS535BGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LPRS535BGLF RENESAS-9LPRS535BGLF Datasheet
430Kb / 18P
   48-pin CK505 for Intel Systems
2019
9LPRS535BGLFT RENESAS-9LPRS535BGLFT Datasheet
430Kb / 18P
   48-pin CK505 for Intel Systems
2019
More results

Similar Description - 9LPRS535BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
   48-pin CK505 for Intel Systems
logo
Integrated Device Techn...
ICS9LPRS535 IDT-ICS9LPRS535_10 Datasheet
222Kb / 17P
   48-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LPRS535 RENESAS-ICS9LPRS535 Datasheet
430Kb / 18P
   48-pin CK505 for Intel Systems
2019
logo
Integrated Device Techn...
ICS9LPRS545 IDT-ICS9LPRS545 Datasheet
221Kb / 17P
   48-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
   56-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
   32-pin CK505 for Intel Systems
01/06/11
ICS9LRS4903 RENESAS-ICS9LRS4903 Datasheet
235Kb / 16P
   32-pin CK505 for Intel Systems
2019
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LRS4103 IDT-ICS9LRS4103 Datasheet
160Kb / 15P
   32-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_11 Datasheet
206Kb / 21P
   56-pin CK505 for Intel Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com