Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-5051-PS001 Datasheet(PDF) 2 Page - Harris Corporation

Part # RF-5051-PS001
Description  AC POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-5051-PS001 Datasheet(HTML) 2 Page - Harris Corporation

  RF-5051-PS001 Datasheet HTML 1Page - Harris Corporation RF-5051-PS001 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RF Communications Division | 1680 University Avenue | Rochester, NY USA 14610
www.harris.com 5852445830
Copyright © 2007 Harris Corporation 05/07 DS-223C
®
Specifications are subject to change without notice.
Specifications for the RF-5051-PS001 and RF-5054-PS001
General/Electrical
Input Voltage
85265 VAC, 47400 Hz
Input Power Factor Correction
>95% (85265 VAC)
Input Protection
Circuit Breaker
Output Voltage
+28 VDC +
_ 0.5
Regulation, Line Load
0.2% from low line to high line
Ripple and Noise
200 MV @ 30A
Voltage Stability
200 MV drift maximum
Efficiency
>80%
OverVoltage Protection
Set to 28 +
_ 0.5 VAC
Output Current
RF5051PS001: 30 Amps maximum
RF5054PS001: 60 Amps maximum
Inrush Current
RF5051PS001: 4 Amps for 10 ms
RF5054PS001: 8 Amps for 10 ms
Hold Time
RF5051PS001: 500 ms with 0.5 Amp load
RF5054PS001: 1 sec. with 0.5 Amp load
Overload Protection
RF5051PS001: Out. current limit 33 Amps
RF5054PS001: Out. current limit 66 Amps
Output Protection
Output is automatically protected from short
and misfirting
Mechanical/Environmental
Cooling
Conduction to outside heat sink, forced convection
Temperature
Operating: – 40˚Cto +70˚C;
Storage: – 60˚C to +90˚C
Altitude
MILSTD810F
Humidity
MILSTD810F, 95%
Shock/Vibration
MILSTD810F
EMI
MILSTD461E
Size
RF5051PS001: 5.5H x 7.5W x 12.8D in
(14H x 19.1W x 32.5D cm)
RF5054PS001: 5.5H x 15.0W x 12.8D in
(14H x 38.1W x 32.5D cm)
Weight
RF5051PS001: 17.3 lb (7.8 kg)
RF5054PS001: 34.6 lb (15.7 kg)
Features/Benefits
High reliability
Configurations for 50, 125 and 400 watt systems
Conservative ratings
Rugged package compatible with the FALCON®
Series RF5000 and FALCON® II RF5800H Tactical
Transceiver Systems
Ground Fault Interrupters
CISPR221EN55022 Level B
Allows Generator Operation
Supports Line/Line Operation
Self Fault Recovery
Fault Indicator
assuredcommunications ®


Similar Part No. - RF-5051-PS001

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-5055PS HARRIS-RF-5055PS Datasheet
379Kb / 2P
   AC/DC POWER SUPPLY
More results

Similar Description - RF-5051-PS001

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
1653A BK-1653A Datasheet
643Kb / 1P
   AC Power Supplies
logo
List of Unclassifed Man...
1604A ETC2-1604A Datasheet
656Kb / 2P
   AC Power Supplies
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com