Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-3150-AT152 Datasheet(PDF) 2 Page - Harris Corporation

Part # RF-3150-AT152
Description  manpack Low Band Antenna, 30 to 108MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-3150-AT152 Datasheet(HTML) 2 Page - Harris Corporation

  RF-3150-AT152 Datasheet HTML 1Page - Harris Corporation RF-3150-AT152 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RF Communications | 1680 University Avenue | Rochester, NY USA 14610
www.harris.com 1-585-244-5830
© Copyright 2008 Harris Corporation 04/08 DS-407
Specifications for the RF-3150-AT152
Specifications are subject to change without notice.
Electrical
n Frequency Range
30 —108 MHz
n RF Power Capacity
16 Watts
n Input Impedance
50 ohms (nominal)
n Radiation Pattern
Omnidirectional in azimuth,
see radiation pattern below
n Polarization
Linearly polarized, relative to 50 ohms
n VSWR
< 3.5:1
n Gain
> -10 dBi at 30 MHz
> -2 dBi at 60 MHz
> 0 dBi at 108 MHz
Environmental
n Meets MIL-STD-810F
Mechanical
n
RF Connector
TNC male
n
Deployed Dimensions
48.5 inch (approx. 123 cm)
n
Stowed Size
< 17 inch (approx. 43 cm)
n
Weight
8.7 oz. (0.247 kg)
n
Color
Black, matte finish
Features
n
Lightweight
n
Foldable for easy stowage
n
Integrated hook and loop strap
n
Durable
n
Broadband passive matching
assuredcommunications®
RF-3150-AT152 Typical Radiation Pattern when mounted on the Falcon III manpack over ground


Similar Part No. - RF-3150-AT152

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-3151-AT152 HARRIS-RF-3151-AT152 Datasheet
305Kb / 2P
   manpack Low Band Antenna 100 to 512 MHz
More results

Similar Description - RF-3150-AT152

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-3151-AT152 HARRIS-RF-3151-AT152 Datasheet
305Kb / 2P
   manpack Low Band Antenna 100 to 512 MHz
RF-3165-AT122 HARRIS-RF-3165-AT122 Datasheet
286Kb / 2P
   Manpack High Band Antenna 225 to 2000 MHz
RF-3164-AT122 HARRIS-RF-3164-AT122 Datasheet
279Kb / 2P
   Manpack high band Antenna 225 to 450 MHz
RF-1941 HARRIS-RF-1941 Datasheet
355Kb / 2P
   HF MANPACK, PORTABLE DIPOLE ANTENNA
RF-1944-AT020 HARRIS-RF-1944-AT020 Datasheet
355Kb / 2P
   20 WATT MANPACK BROADBAND INVERTED VEE HF ANTENNA
RF-9072-AT001 HARRIS-RF-9072-AT001 Datasheet
350Kb / 2P
   LOW-BAND VHF DISCONE ANTENNA
RF-398-01 HARRIS-RF-398-01 Datasheet
320Kb / 2P
   VHF LOW-BAND VERTICAL MONOPOLE ANTENNA
logo
Pulse A Technitrol Comp...
W5030 PULSE-W5030 Datasheet
560Kb / 6P
   Band WiFi Antenna
logo
Johanson Technology Inc...
2450AT43F0100 JOHANSON-2450AT43F0100 Datasheet
289Kb / 4P
   2.45 GHz wide band, low profile antenna
logo
Harris Corporation
RF-398-02 HARRIS-RF-398-02 Datasheet
298Kb / 2P
   VHF LOW-BAND, VERTICAL DIPOLE ANTENNA SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com