Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-1912T Datasheet(PDF) 1 Page - Harris Corporation

Part # RF-1912T
Description  HF FAN DIPOLE ANTENNA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-1912T Datasheet(HTML) 1 Page - Harris Corporation

  RF-1912T Datasheet HTML 1Page - Harris Corporation RF-1912T Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The
RF-1912 family consists of three antennas: RF-1912E
(radiating elements and feedline), RF-1912T (RF-1912E
with transportable masts), and RF-1912B (RF-1912E with
permanent masts).
The element length and height above ground has been
designed to optimize take-off-angle for HF skywave prop-
agation from NVIS to 2000 kms. The RF-1912 can also be
configured as a top-loaded monopole for short-range
ground wave or long-range skywave. Both antenna
configurations achieve near 100% radiation efficiency
because they do not contain any resistive loads. Broad-
band operation does require an antenna coupler.
The RF-1912 family is designed for use with transceivers
operating at up to 1 kW RF output power. For broadband
operation, from 1.6 to 30 MHz, the RF-1912 requires an
RF-382, or RF-2601Antenna Coupler and associated
cables.
The RF-1912E comes with 100 foot of support rope
to be installed on customer-supplied masts. The
RF-1912T has lightweight aluminum mast
sections that are easy to assembly and dis-
assemble for tactical operations. The
RF-1912B is designed for one-time
permanent installing.
®
assuredcommunications
RF-1912
HF FAN DIPOLE
ANTENNA
Stowed RF-1912E


Similar Part No. - RF-1912T

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-1930CHD HARRIS-RF-1930CHD Datasheet
321Kb / 2P
   HF SHIPBOARD WHIP ANTENNA
RF-1936 HARRIS-RF-1936 Datasheet
392Kb / 2P
   PORTABLE CROSSED DIPOLE ANTENNA
RF-1937 HARRIS-RF-1937 Datasheet
390Kb / 2P
   HF TRANSPORTABLE GROUND STAKE ANTENNA
RF-1938 HARRIS-RF-1938 Datasheet
392Kb / 2P
   PORTABLE CROSSED DIPOLE ANTENNA
RF-1940 HARRIS-RF-1940 Datasheet
355Kb / 2P
   HF MANPACK, PORTABLE DIPOLE ANTENNA
More results

Similar Description - RF-1912T

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-1941 HARRIS-RF-1941 Datasheet
355Kb / 2P
   HF MANPACK, PORTABLE DIPOLE ANTENNA
logo
Raltron Electronics Cor...
RDP-GPRS-P-300-SMAM-3000 RALTRON-RDP-GPRS-P-300-SMAM-3000 Datasheet
157Kb / 1P
   DIPOLE ANTENNA
RDP-GPRS-P-300-SMAM RALTRON-RDP-GPRS-P-300-SMAM Datasheet
157Kb / 1P
   DIPOLE ANTENNA
RDP-480-P-1200-BNC-3000-G RALTRON-RDP-480-P-1200-BNC-3000-G Datasheet
196Kb / 3P
   DIPOLE ANTENNA
logo
Taoglas antenna solutio...
TG.10.0113 TAOGLAS-TG.10.0113 Datasheet
4Mb / 53P
   Dipole Terminal Antenna
TG.10R.A.0113 TAOGLAS-TG.10R.A.0113 Datasheet
2Mb / 19P
   Dipole Terminal Antenna
TD.10.5113 TAOGLAS-TD.10.5113 Datasheet
16Mb / 33P
   Dipole Terminal Antenna
TG.35.8113W TAOGLAS-TG.35.8113W Datasheet
5Mb / 71P
   Dipole Swivel Terminal Antenna
logo
Pulse A Technitrol Comp...
W5017 PULSE-W5017_16 Datasheet
916Kb / 11P
   868-928MHz Dipole Antenna
logo
Taoglas antenna solutio...
TG.30.8112 TAOGLAS-TG.30.8112 Datasheet
2Mb / 19P
   dipole swivel terminal antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com