Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-382A Datasheet(PDF) 1 Page - Harris Corporation

Part # RF-382A
Description  FAST TUNE AUTOMATIC 400 WATT ANTENNA COUPLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-382A Datasheet(HTML) 1 Page - Harris Corporation

  RF-382A Datasheet HTML 1Page - Harris Corporation RF-382A Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The RF-382A Series couplers efficiently and automatically
match the output of 125 to 400 watt transceivers to a wide
variety of whip, dipole, and long-wire antennas over the
frequency range of 1.6 to 30 MHz. Tuning time from memory
is less than 200 milliseconds.
RF-382A Series couplers operate with ALE communications
systems that require very fast frequency change. Rugged and
reliable, they operate under the most severe environmental
conditions in vehicular, transportable, shipboard, and fixed-
station applications.
The RF-382A Antenna Coupler is designed for direct interface
with FALCON
® II HF systems and is fully compatible with the
built-in MIL-STD-188-141B and STANAG-4538 Automatic Link
Establishment (ALE) protocols.
The coupler requires a control cable and RF coax interface to
connect to the associated transceiver. Separation can be up to
250 feet (76 m). A high voltage ceramic insulator provides the
connection to the antenna. It is also equipped with a 50-ohm N-
connector antenna port for coaxial connection to a fixed site
broadband or resonant antenna.
Internal built-in test to the module level provides rapid
diagnostic troubleshooting and repair. In addition, all key
operating parameters are continually monitored during
operation. If parameters are exceeded, a coupler
fault is reported to the radio.
®
assuredcommunications
RF-382A Series
FAST TUNE AUTOMATIC
400 WATT ANTENNA
COUPLER


Similar Part No. - RF-382A

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-387-AT002 HARRIS-RF-387-AT002 Datasheet
305Kb / 2P
   VHF VEHICULAR WHIP ANTENNA
More results

Similar Description - RF-382A

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-5382H-CU001 HARRIS-RF-5382H-CU001 Datasheet
372Kb / 2P
   FAST TUNE AUTOMATIC ANTENNA COUPLER
logo
Keysight Technologies
E1999A KEYSIGHT-E1999A Datasheet
512Kb / 6P
   E1999A-202 Enhanced Fast Device Tune
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
   Automatic antenna tuning circuit
logo
List of Unclassifed Man...
AT-11 ETC-AT-11 Datasheet
229Kb / 15P
   AT-11 Automatic Antenna Tuner
logo
Protek Devices
PAM4SMA PROTEC-PAM4SMA Datasheet
500Kb / 7P
   400 Watt TVS Component
logo
Innovative Power Produc...
IPP-TB214-50 IPP-IPP-TB214-50 Datasheet
56Kb / 1P
   TERMINATION, 400 WATT, FLANGE
IPP-TB215-50 IPP-IPP-TB215-50 Datasheet
55Kb / 1P
   TERMINATION, 400 WATT, FLANGE
logo
Protek Devices
PAM37SDXXAL PROTEC-PAM37SDXXAL Datasheet
390Kb / 7P
   400 WATT TVS COMPONENT
P4SMA PROTEC-P4SMA Datasheet
444Kb / 7P
   400 WATT TVS COMPONENT
CAL PROTEC-CAL Datasheet
493Kb / 7P
   400 Watt TVS component
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com