Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM66152TB5TG Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM66152TB5TG
Description  1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66152TB5TG Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM66152TB5TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66152TB5TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66152TB5TG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66152TB5TG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66152TB5TG Datasheet HTML 11Page - Gamma Microelectronics Inc. GM66152TB5TG Datasheet HTML 12Page - Gamma Microelectronics Inc. GM66152TB5TG Datasheet HTML 13Page - Gamma Microelectronics Inc. GM66152TB5TG Datasheet HTML 14Page - Gamma Microelectronics Inc. GM66152TB5TG Datasheet HTML 15Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
2009/5/18
GM66150 Series
1.5A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power Dissipation
PD
Internally Limited
W
Input Power Supply Voltage (Note 1)
VIN
-20 to +60
V
Storage Temperature Range
TSTG
- 65 to 150
Lead Temperature (Soldering, 5 sec)
+ 260
Note 1:
Maximum positive supply voltage of 60V must be of limited duration (<100msec) and duty cycle (< 1%). The maximum
continuous supply voltage is 26V.
Operating Ratings
Parameter
Symbol
Value
Unit
Maximum Operating Input Voltage
VIN
26
V
Operating Junction Temperature
TJ
-40 to +125
Block Diagram
OUT
IN
O.V.
ILimit
28V
R1*
1.24V
VREF
+
-
R2*
Thermal
Shut down
GND
ADJ**
1.18V
FLAG
EN
* Feedback network in fixed versions only
** Adjustable version only


Similar Part No. - GM66152TB5TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66152TB5T GAMMA-GM66152TB5T Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
More results

Similar Description - GM66152TB5TG

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
AMS1501 ADMOS-AMS1501_05 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962 NSC-LP3962 Datasheet
484Kb / 22P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3962 TI-LP3962_15 Datasheet
4Mb / 34P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com