Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV07175-A23A Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV07175-A23A
Description  Higher Performance, Feature Rich VGA Sensor to Support Fast Growing EmergingMarkets
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV07175-A23A Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV07175-A23A Datasheet HTML 1Page - OmniVision Technologies, Inc. OV07175-A23A Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Mobile Phones
Notebooks/Netbooks and Webcams
Applications
¬
¬
¬
¬
¬
¬
¬
¬
¬
support for image sizes:
VGA (640 x 480), QVGA (320 x 240)
and QQVGA (160 x 120)
support for output formats:
YUV4:2:2, Raw RGB, ITU656, RGB565
digital video port (DVP) parallel output
interface
on-chip phase lock loop (PLL)
built-in 1.5V regulator for core
capable of maintaining register values
at power down
programmable controls for
frame rate, mirror and flip, AEC/AGC,
and windowing
support for horizontal and vertical
sub-sampling
automatic image control functions:
- automatic exposure control (AEC)
- automatic white balance (AWB)
- automatic black level calibration (ABLC)
image quality controls: defect pixel
correction and lens shading correction
support for black sun cancellation
standard serial SCCB interface
parallel I/O tri-state configurability
and programmable polarity
module size: 6 mm x 6 mm
¬
¬
¬
¬
¬
Product Features
¬
¬
OV07675-A23A
(color, lead-free, 23-pin CSP3)
OV07175-A23A
(B&W, lead-free, 23-pin CSP3)
¬
OV07675-G04A
(color, chip probing, 200 µm
backgrinding, reconstructed wafer)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 640 x 480
power supply:
- analog: 2.6 ~ 3.0 V
- core: 1.5 V ±5% (internal regulator)
- I/O: 1.71 ~ 3.0 V
power requirements:
- active: 98 mW
- standby: 60 µW
temperature range:
- operating: -30°C to 70°C
- stable image: 0°C to 50°C
output formats: YUV422, RAW RGB,
ITU656, RGB565
lens size: 1/9"
lens chief ray angle: 21°
input clock frequency: 1.5 ~ 27 MHz
scan mode: progressive
¬
¬
¬
¬
¬
¬
¬
¬
¬
maximum image transfer rate:
- VGA: 30 fps
- QVGA: 60 fps
- QQVGA: 240 fps
sensitivity: 1800 mV/(lux-sec)
shutter: rolling shutter
S/N ratio: 38 dB
dynamic range: 71 dB
maximum exposure interval:
510 x tROW
pixel size: 2.5 µm x 2.5 µm
image area: 1640 µm x 1220 µm
package dimensions:
- CSP3: 2815 µm x 2825 µm
- COB: 2830 µm x 2840 µm
Product Specifications
Version 1.0, October, 2009
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and OmniPixel are registered trademarks of OmniVision
Technologies, Inc. The OmniVision logo and OmniPixel3-HS are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
TM
TM
OV7675
Functional Block Diagram
OV7675/OV7175
image sensor core
image
sensor
processor
image
output
interface
PLL
control register bank
SCCB slave interface
timing generator and system control logic
gain control
AMP
10-bit
ADC
D[7:0]
column
sample/hold
image
array


Similar Part No. - OV07175-A23A

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV07171-VL2A OMNIVISION-OV07171-VL2A Datasheet
207Kb / 2P
   1/6 inch VGA CameraChip for ultra-thin camera modules
OV07171-VL2A OMNIVISION-OV07171-VL2A Datasheet
207Kb / 2P
   1/6 inch VGA CameraChip for ultra-thin camera modules
More results

Similar Description - OV07175-A23A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
[Old version datasheet]   Feature Rich Smartcard Interface IC
logo
Microchip Technology
MCP1726-ADJE MICROCHIP-MCP1726-ADJE Datasheet
100Kb / 2P
   Feature-Rich, Low Dropout Regulator for High-Performance Microprocessor Applications
3/1/05
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M_11 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
logo
ams AG
GWCSSRM1.BM AMSCO-GWCSSRM1.BM Datasheet
1Mb / 24P
   Higher performance.
Version 1.6 2020-03-25
logo
NXP Semiconductors
BT168GWF PHILIPS-BT168GWF Datasheet
218Kb / 13P
   Fast commutation performance for higher frequency operation
11 July 2014
logo
Zilog, Inc.
Z8E000 ZILOG-Z8E000 Datasheet
547Kb / 45P
   FEATURE-RICH Z8 PLUS ONE-TIME-PROGRAMMABLE MICROCONTRONLLER
logo
List of Unclassifed Man...
AR9344 ETC2-AR9344 Datasheet
4Mb / 466P
   Highly-Integrated and Feature-Rich IEEE Premium SoC for Advanced WLAN Platforms
logo
Infineon Technologies A...
PMB6821 INFINEON-PMB6821 Datasheet
250Kb / 2P
   SM-Power3 - Highly Integrated Power Management Units for Feature Rich Mobile Devices
logo
Murata Manufacturing Co...
935153634522-XXT MURATA1-935153634522-XXT Datasheet
177Kb / 2P
   Ultra large band performance higher than 26GHz
Last updated06/17/2022
935153837522-XXT MURATA1-935153837522-XXT Datasheet
177Kb / 2P
   Ultra large band performance higher than 26GHz
Last updated06/17/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com