Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM28V020-TG Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM28V020-TG
Description  256Kbit Bytewide F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM28V020-TG Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM28V020-TG Datasheet HTML 4Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 5Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 6Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 7Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 8Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 9Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 10Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 11Page - Ramtron International Corporation FM28V020-TG Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FM28V020 - 32Kx8 FRAM
Rev. 1.1
Sept. 2009
Page 8 of 14
Read Cycle AC Parameters (TA = -40° C to +85° C, CL = 30 pF, unless otherwise specified)
VDD 2.0 to 2.7V
VDD 2.7 to 3.6V
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
tRC
Read Cycle Time
105
-
90
-
ns
tCE
Chip Enable Access Time
-
70
-
60
ns
tAA
Address Access Time
-
105
-
90
ns
tOH
Output Hold Time
20
-
20
-
ns
tAAP
Page Mode Address Access Time
-
40
-
30
ns
tOHP
Page Mode Output Hold Time
3
-
3
-
ns
tCA
Chip Enable Active Time
70
-
60
-
ns
tPC
Precharge Time
35
-
30
-
ns
tAS
Address Setup Time (to /CE low)
0
-
0
-
ns
tAH
Address Hold Time (/CE-controlled)
70
-
60
-
ns
tOE
Output Enable Access Time
-
25
-
15
ns
tHZ
Chip Enable to Output High-Z
-
10
-
10
ns
1
tOHZ
Output Enable High to Output High-Z
-
10
-
10
ns
1
Write Cycle AC Parameters (TA = -40° C to +85° C, unless otherwise specified)
VDD 2.0 to 2.7V
VDD 2.7 to 3.6V
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
tWC
Write Cycle Time
105
-
90
-
ns
tCA
Chip Enable Active Time
70
-
60
-
ns
tCW
Chip Enable to Write Enable High
70
-
60
-
ns
tPC
Precharge Time
35
-
30
-
ns
tPWC
Page Mode Write Enable Cycle Time
40
-
30
-
ns
tWP
Write Enable Pulse Width
22
-
18
-
ns
tAS
Address Setup Time (to /CE low)
0
-
0
-
ns
tAH
Address Hold Time (/CE-controlled)
70
-
60
-
ns
tASP
Page Mode Address Setup Time (to /WE low)
8
-
5
-
ns
tAHP
Page Mode Address Hold Time (to /WE low)
20
-
15
-
ns
tWLC
Write Enable Low to /CE High
30
-
25
-
ns
tWLA
Write Enable Low to A(14:3) Change
30
-
25
-
ns
tAWH
A(14:3) Change to Write Enable High
105
-
90
-
ns
tDS
Data Input Setup Time
20
-
15
-
ns
tDH
Data Input Hold Time
0
-
0
-
ns
tWZ
Write Enable Low to Output High Z
-
10
-
10
ns
1
tWX
Write Enable High to Output Driven
5
-
5
-
ns
1
tWS
Write Enable to /CE Low Setup Time
0
-
0
-
ns
1,2
tWH
Write Enable to /CE High Hold Time
0
-
0
-
ns
1,2
Notes
1
This parameter is characterized but not 100% tested.
2
The relationship between /CE and /WE determines if a /CE- or /WE-controlled write occurs.
Power Cycle Timing (TA = -40° C to +85° C, VDD = 2.0V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tVR
VDD Rise Time
50
-
µs/V
1
tVF
VDD Fall Time
100
-
µs/V
1
tPU
Power Up (VDD min) to First Access Time
250
-
µs
tPD
Last Access to Power Down (VDD min)
0
-
µs
Notes
1
Slope measured at any point on VDD waveform.


Similar Part No. - FM28V020-TG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V020-TG RAMTRON-FM28V020-TG Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020-TG CYPRESS-FM28V020-TG Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020-TGTR RAMTRON-FM28V020-TGTR Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020-TGTR CYPRESS-FM28V020-TGTR Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
More results

Similar Description - FM28V020-TG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020_11 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com