Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM24V05-G Datasheet(PDF) 5 Page - Ramtron International Corporation

Part # FM24V05-G
Description  512Kb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24V05-G Datasheet(HTML) 5 Page - Ramtron International Corporation

  FM24V05-G Datasheet HTML 1Page - Ramtron International Corporation FM24V05-G Datasheet HTML 2Page - Ramtron International Corporation FM24V05-G Datasheet HTML 3Page - Ramtron International Corporation FM24V05-G Datasheet HTML 4Page - Ramtron International Corporation FM24V05-G Datasheet HTML 5Page - Ramtron International Corporation FM24V05-G Datasheet HTML 6Page - Ramtron International Corporation FM24V05-G Datasheet HTML 7Page - Ramtron International Corporation FM24V05-G Datasheet HTML 8Page - Ramtron International Corporation FM24V05-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FM24V05 - 512Kb I2C FRAM
Rev. 1.1
Feb. 2009
Page 5 of 15
Figure 4. Slave Address
Addressing Overview
After the FM24V05 (as receiver) acknowledges the
slave address, the master can place the memory
address on the bus for a write operation. The address
requires two bytes. The complete 16-bit address is
latched internally. Each access causes the latched
address value to be incremented automatically. The
current address is the value that is held in the latch --
either a newly written value or the address following
the last access. The current address will be held for as
long as power remains or until a new value is written.
Reads always use the current address. A random read
address can be loaded by beginning a write operation
as explained below.
After transmission of each data byte, just prior to the
acknowledge, the FM24V05 increments the internal
address latch. This allows the next sequential byte to
be accessed with no additional addressing. After the
last address (FFFFh) is reached, the address latch will
roll over to 0000h. There is no limit to the number of
bytes that can be accessed with a single read or write
operation.
Data Transfer
After the address information has been transmitted,
data transfer between the bus master and the
FM24V05 can begin. For a read operation the
FM24V05 will place 8 data bits on the bus then wait
for an acknowledge from the master. If the
acknowledge occurs, the FM24V05 will transfer the
next sequential byte. If the acknowledge is not sent,
the FM24V05 will end the read operation. For a write
operation, the FM24V05 will accept 8 data bits from
the master then send an acknowledge. All data
transfer occurs MSB (most significant bit) first.
Memory Operation
The FM24V05 is designed to operate in a manner
very similar to other 2-wire interface memory
products. The major differences result from the
higher performance write capability of F-RAM
technology. These improvements result in some
differences between the FM24V05 and a similar
configuration EEPROM during writes. The complete
operation for both writes and reads is explained
below.
Write Operation
All writes begin with a slave address, then a memory
address. The bus master indicates a write operation
by setting the LSB of the slave address (R/W bit) to a
‘0’. After addressing, the bus master sends each byte
of data to the memory and the memory generates an
acknowledge condition. Any number of sequential
bytes may be written. If the end of the address range
is reached internally, the address counter will wrap
from FFFFh to 0000h.
Unlike other nonvolatile memory technologies, there
is no effective write delay with F-RAM. Since the
read and write access times of the underlying
memory are the same, the user experiences no delay
through the bus. The entire memory cycle occurs in
less time than a single bus clock. Therefore, any
operation including read or write can occur
immediately following a write. Acknowledge polling,
a technique used with EEPROMs to determine if a
write is complete is unnecessary and will always
return a ready condition.
Internally, an actual memory write occurs after the 8th
data bit is transferred. It will be complete before the
acknowledge is sent. Therefore, if the user desires to
abort a write without altering the memory contents,
this should be done using start or stop condition prior
to the 8th data bit. The FM24V05 uses no page
buffering.
The memory array can be write-protected using the
WP pin. This feature is available only on FM24V05
and FM24VN05 devices. Setting the WP pin to a
high condition (VDD) will write-protect all addresses.
The FM24V05 will not acknowledge data bytes that
are written to protected addresses. In addition, the
address counter will not increment if writes are
attempted to these addresses. Setting WP to a low
state (VSS) will deactivate this feature. WP is pulled
down internally.
Figures 5 and 6 below illustrate a single-byte and
multiple-byte write cycles.
1
01
0A2
R/W
Slave ID
76
5
4
3
2
1
0
A1
A0
Device Select


Similar Part No. - FM24V05-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V05-G RAMTRON-FM24V05-G Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V05-G CYPRESS-FM24V05-G Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05-G CYPRESS-FM24V05-G Datasheet
387Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V05-GTR RAMTRON-FM24V05-GTR Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V05-GTR CYPRESS-FM24V05-GTR Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24V05-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V05 RAMTRON-FM25V05 Datasheet
334Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05 RAMTRON-FM24V05_10 Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V05 CYPRESS-FM25V05 Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05 CYPRESS-FM25V05_13 Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
FM24V05 CYPRESS-FM24V05 Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05 CYPRESS-FM24V05_13 Datasheet
387Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com