Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM24V05 Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # FM24V05
Description  512Kb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24V05 Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM24V05 Datasheet HTML 7Page - Ramtron International Corporation FM24V05 Datasheet HTML 8Page - Ramtron International Corporation FM24V05 Datasheet HTML 9Page - Ramtron International Corporation FM24V05 Datasheet HTML 10Page - Ramtron International Corporation FM24V05 Datasheet HTML 11Page - Ramtron International Corporation FM24V05 Datasheet HTML 12Page - Ramtron International Corporation FM24V05 Datasheet HTML 13Page - Ramtron International Corporation FM24V05 Datasheet HTML 14Page - Ramtron International Corporation FM24V05 Datasheet HTML 15Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
FM24V05 - 512Kb I2C FRAM
Rev. 1.1
Feb. 2009
Page 11 of 15
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +4.5V
VIN
Voltage on any pin with respect to VSS
-1.0V to +4.5V
and VIN < VDD+1.0V *
TSTG
Storage Temperature
-55
°C to +125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
300
° C
VESD
Electrostatic Discharge Voltage
- Human Body Model (JEDEC Std JESD22-A114-B)
- Charged Device Model (JEDEC Std JESD22-C101-A)
- Machine Model (JEDEC Std JESD22-A115-A)
TBD
TBD
TBD
Package Moisture Sensitivity Level
MSL-1
* Exception: The “VIN < VDD+1.0V” restriction does not apply to the SCL and SDA inputs.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40° C to + 85° C, VDD =2.0V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Main Power Supply
2.0
-
3.6
V
IDD
VDD Supply Current
@ SCL = 100 kHz
@ SCL = 1 MHz
@ SCL = 3.4 MHz
175
400
1000
µA
µA
µA
1
ISB
Standby Current
90
150
µA
2
IZZ
Sleep Mode Current
5
8
µA
2
ILI
Input Leakage Current
±1
µA
3
ILO
Output Leakage Current
±1
µA
3
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VOL1
Output Low Voltage (IOL = 2 mA, VDD ≥ 2.7V)
0.4
V
VOL2
Output Low Voltage (IOL = 150 µA)
0.2
V
RIN
Address Input Resistance (WP, A2-A0)
For VIN = VIL (max)
For VIN = VIH (min)
50
1
K
M
5
VHYS
Input Hysteresis
0.05 VDD
V
4
Notes
1. SCL toggling between VDD-0.2V and VSS, other inputs VSS or VDD-0.2V.
2. SCL = SDA = VDD. All inputs VSS or VDD. Stop command issued.
3. VIN or VOUT = VSS to VDD. Does not apply to WP, A2-A0 pins.
4. This parameter is characterized but not tested.
5. The input pull-down circuit is stronger (50K
Ω) when the input voltage is below VIL and weak (1MΩ) when the input voltage
is above VIH.


Similar Part No. - FM24V05

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V05 RAMTRON-FM24V05 Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V05 CYPRESS-FM24V05 Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V05-G RAMTRON-FM24V05-G Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V05-G CYPRESS-FM24V05-G Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05-G CYPRESS-FM24V05-G Datasheet
387Kb / 17P
   512Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24V05

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V05 RAMTRON-FM25V05 Datasheet
334Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05 RAMTRON-FM24V05_10 Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V05 CYPRESS-FM25V05 Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05 CYPRESS-FM25V05_13 Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
FM24V05 CYPRESS-FM24V05 Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05 CYPRESS-FM24V05_13 Datasheet
387Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com