Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM24V05 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM24V05
Description  512Kb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24V05 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM24V05 Datasheet HTML 1Page - Ramtron International Corporation FM24V05 Datasheet HTML 2Page - Ramtron International Corporation FM24V05 Datasheet HTML 3Page - Ramtron International Corporation FM24V05 Datasheet HTML 4Page - Ramtron International Corporation FM24V05 Datasheet HTML 5Page - Ramtron International Corporation FM24V05 Datasheet HTML 6Page - Ramtron International Corporation FM24V05 Datasheet HTML 7Page - Ramtron International Corporation FM24V05 Datasheet HTML 8Page - Ramtron International Corporation FM24V05 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary
This is a product that has fixed target specifications but are subject
Ramtron International Corporation
to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
Rev. 1.1
http://www.ramtron.com
Feb. 2009
Page 1 of 15
FM24V05
512Kb Serial 3V F-RAM Memory
Features
512K bit Ferroelectric Nonvolatile RAM
Organized as 65,536 x 8 bits
High Endurance 100 Trillion (1014) Read/Writes
10 year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Fast Two-wire Serial Interface
Up to 3.4 MHz maximum bus frequency
Direct hardware replacement for EEPROM
Supports legacy timing for 100 kHz & 400 kHz
Device ID and Serial Number
Device ID reads out Manufacturer ID & Part ID
Unique Serial Number (FM24VN05)
Low Voltage, Low Power Operation
Low Voltage Operation 2.0V – 3.6V
Active Current < 150
µA (typ. @ 100KHz)
90
µA Standby Current (typ.)
5
µA Sleep Mode Current (typ.)
Industry Standard Configuration
Industrial Temperature -40
° C to +85° C
8-pin “Green”/RoHS SOIC Package
Description
The FM24V05 is a 512Kbit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or F-RAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 10 years
while eliminating the complexities, overhead, and
system level
reliability
problems
caused
by
EEPROM and other nonvolatile memories.
The FM24V05 performs write operations at bus
speed. No write delays are incurred. The next bus
cycle may commence immediately without the need
for data polling. In addition, the product offers write
endurance
orders
of
magnitude
higher
than
EEPROM. Also, F-RAM exhibits much lower power
during writes than EEPROM since write operations
do not require an internally elevated power supply
voltage for write circuits.
These capabilities make the FM24V05 ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time of EEPROM can cause data loss. The
combination of features allows more frequent data
writing with less overhead for the system.
The FM24V05 provides substantial benefits to users
of serial EEPROM, yet these benefits are available in
a hardware drop-in replacement. The devices are
available in industry standard 8-pin SOIC package
using a familiar two-wire (I2C) protocol. The
FM24VN05 is offered with a unique serial number
that is read-only and can be used to identify a board
or system. Both devices incorporate a read-only
Device ID that allows the host to determine the
manufacturer, product density, and product revision.
The devices are guaranteed over an industrial
temperature range of -40°C to +85°C.
Pin Configuration
A0
A1
A2
VSS
VDD
WP
SCL
SDA
1
2
3
4
8
7
6
5
Pin Name
Function
A0-A2
Device Select Address
SDA
Serial Data/address
SCL
Serial Clock
WP
Write Protect
VDD
Supply Voltage
VSS
Ground


Similar Part No. - FM24V05

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V05 RAMTRON-FM24V05 Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V05 CYPRESS-FM24V05 Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V05-G RAMTRON-FM24V05-G Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V05-G CYPRESS-FM24V05-G Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05-G CYPRESS-FM24V05-G Datasheet
387Kb / 17P
   512Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24V05

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V05 RAMTRON-FM25V05 Datasheet
334Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05 RAMTRON-FM24V05_10 Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V05 CYPRESS-FM25V05 Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05 CYPRESS-FM25V05_13 Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
FM24V05 CYPRESS-FM24V05 Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05 CYPRESS-FM24V05_13 Datasheet
387Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com