Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFS29 Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFS29
Description  IGBT MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS29 Datasheet(HTML) 3 Page - Hongfa Technology

  HFS29 Datasheet HTML 1Page - Hongfa Technology HFS29 Datasheet HTML 2Page - Hongfa Technology HFS29 Datasheet HTML 3Page - Hongfa Technology HFS29 Datasheet HTML 4Page - Hongfa Technology HFS29 Datasheet HTML 5Page - Hongfa Technology HFS29 Datasheet HTML 6Page - Hongfa Technology HFS29 Datasheet HTML 7Page - Hongfa Technology HFS29 Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8;
;@;9GE?97@ 9>7E79G;E?FG?9F
G>;EA7@ E;F?FG7B9;
A;9>7B?97@ 9>7E79G;E?FG?9F
><F25/DA140:120-F7.
Roc,e0^-
Roc,e0^-
Roc,^0c-
P`m IGBT
P`m DIODE
314;
3168
3138
2W
2W
5
51;
6:3
618
Nzh
b
,
Te@58 / pig`nn joc`mrdn` nk`^dad`_-
Sth]jg
Io`h
Cji_dodji
Mdi1
Uidon
Ttk1
M\s1
Sth]jg
Io`h
Cji_dodji
Mdi1
Uidon
Ttk1
M\s1
Tc`mh\g m`ndno\i^`/
Jpi^odji oj ^\n`
Cjio\^o oc`mh\g m`ndno\i^`
,
Te@58 / pig`nn joc`mrdn` nk`^dad`_-
,
Te@58 / pig`nn joc`mrdn` nk`^dad`_-
S^m`r ojmlp`
W`dbco
A7J?AHA E7G?B=F,Te@58 / pig`nn joc`mrdn` nk`^dad`_-
Sth]jg
Io`h
Cji_dodji
R\odib
Uido
Cjgg`^ojm0`hdoo`m qjgo\b`
G\o`0`hdoo`m qjgo\b`
Cjgg`^ojm ^pmm`io
P`\f ^jgg`^ojm ^pmm`io
Scjmo ^dm^pdo kmjo`^odji odh`
Injg\odji qjgo\b`
Jpi^odji o`hk`m\opm`
Sojm\b` o`hk`m\opm`
Ddj_` ajmr\m_ ^pmm`io
Ddj_` k`\f ajmr\m_ ^pmm`io
4533
x53
498
633
43
5833
073 v 483
073 v 458
483,438-
633
V
V
A
A
n
VAC
A
A
G E ncjmo
C E ncjmo
T^@;3
VCC@<33V> VCEM?4533V
VGEa48V> Tea458
VCES
VGES
I^
ICP
TPSC
Vdnj
Te
Tnob
IF
IFM
T^_58 ,;3 -
Tea483
Sth]jg
Io`h
Cji_dodji
Mdi1
Uidon
Ttk1
M\s1
ICES
IGES
VGE,oc-
Cd`n
Cj`n
Cm`n
QG
RGdio
Eji
Ejaa
o_,ji-
om
o_,jaa-
oa
VEC
omm
Cjgg`^ojm0`hdoo`m qjgo\b`
G\o`0`hdoo`m g`\f\b` ^pmm`io
G\o`0`hdoo`m ocm`ncjg_ qjgo\b`
Iikpo ^\k\^do\i^`
Tjo\g b\o` ^c\mb`
R`ndno\i^`
Tpmi ji `i`mbt
Tpmi jaa `i`mbt
Tpmi0ji _`g\todh`
Rdn` odh`
Tpmi0jaa _`g\todh`
F\gg odh`
Ddj_` ajmr\m_ qjgo\b`
R`q`mn` m`^jq`mtodh`
VGE@3V/ VCE@4533V
VGE@x53V/ VCE@3V/ Te @458
I^@6hA/ VCE@VGE/Te @58
I^@:8A/ VGE@48V/ Te @58
I^@:8A/ VGE@48V/ Te @458
VGE@3V/ VCE@58V/ a@4MHu
V^^@933V/ I^@:8A/ RG@48 /Te _458
VGE@x48V/ Lc93iH/ di_podq` gj\_
V^^@933V/ I^@:8A
VGE4@VGE5@x48V/
RG@48
di_podq` gj\_
I^@ 083A/ VGE@3V
I^@ 083A/ _d2_o@ 0483A2
yn
hA
yA
V
V
V
iC
hJ
hJ
V
in
8
413
533
:
515
583
314
~533
915
iF
Cjgg`^ojm0`hdoo`m
n\opm\odji qjgo\b`
VCE,n\o-
in
41;
513
49
415
319
4893
7
5319
4819
493
98
833
:3


Similar Part No. - HFS29

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFS2 ETC2-HFS2 Datasheet
56Kb / 3P
   MOS RELAY
HFS2/A210DN ETC2-HFS2/A210DN Datasheet
56Kb / 3P
   MOS RELAY
HFS2/A210SN ETC2-HFS2/A210SN Datasheet
56Kb / 3P
   MOS RELAY
HFS2/A211DN ETC2-HFS2/A211DN Datasheet
56Kb / 3P
   MOS RELAY
HFS2/A211SN ETC2-HFS2/A211SN Datasheet
56Kb / 3P
   MOS RELAY
More results

Similar Description - HFS29

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com