Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EHP-A21LM46H-PU5TR Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # EHP-A21LM46H-PU5TR
Description  High Power LED-0.5W
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A21LM46H-PU5TR Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button EHP-A21LM46H-PU5TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A21LM46H-PU5TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A21LM46H-PU5TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A21LM46H-PU5TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A21LM46H-PU5TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd EHP-A21LM46H-PU5TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd EHP-A21LM46H-PU5TR Datasheet HTML 11Page - Everlight Electronics Co., Ltd EHP-A21LM46H-PU5TR Datasheet HTML 12Page - Everlight Electronics Co., Ltd EHP-A21LM46H-PU5TR Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
EHP-A21/LM46H-PU5/TR
High Power LED – 0.5W
9 of 15
Label explanation
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Rank of Luminous Flux
HUE: Color Rank
REF: Rank of Forward Voltage
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Reel Dimensions
Note.
1. Dimensions are in millimeters.
2. Tolerances for fixed dimensions are ± 0.1mm.


Similar Part No. - EHP-A21LM46H-PU5TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A21LM31H-PU5TR EVERLIGHT-EHP-A21LM31H-PU5TR Datasheet
269Kb / 15P
   High Power LED-0.5W
More results

Similar Description - EHP-A21LM46H-PU5TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
   High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
   High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
   High Power LED-0.5W
EHP-A09-SUG31-PU5-TR EVERLIGHT-EHP-A09-SUG31-PU5-TR Datasheet
230Kb / 10P
   High Power LED - 0.5W
logo
List of Unclassifed Man...
QBHP686-IWH-WW ETC1-QBHP686-IWH-WW Datasheet
721Kb / 11P
   0.5W High Power LED
QBHP685-IWH ETC-QBHP685-IWH Datasheet
492Kb / 7P
   0.5W High Power LED
logo
Everlight Electronics C...
EHP-A21GT31H-PU5TR EVERLIGHT-EHP-A21GT31H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A09-UY31-PU5-TR EVERLIGHT-EHP-A09-UY31-PU5-TR Datasheet
170Kb / 10P
   High Power LED - 0.5W
EHP-A09-UT31-PU5-TR EVERLIGHT-EHP-A09-UT31-PU5-TR Datasheet
239Kb / 11P
   High Power LED - 0.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com