Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMR10H150CTPF3 Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GMR10H150CTPF3
Description  10A SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR10H150CTPF3 Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GMR10H150CTPF3 Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR10H150CTPF3 Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR10H150CTPF3 Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR10H150CTPF3 Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR10H150CTPF3 Datasheet HTML 5Page - Gamma Microelectronics Inc. GMR10H150CTPF3 Datasheet HTML 6Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
GMR10H150C
10A SCHOTTKY RECTIFIER
1
Anode
2
Common
Cathode
3
Anode
Ordering Information
ORDERING NUMBER
PACKAGE
SHIPPING
GMR10H150CTA3T
TO263
50 Units/ Tube
GMR10H150CTA3R
TO263
800 Units/ Tape & Reel
GMR10H150CTB3T
TO220AB
50 Units/ Tube
GMR10H150CTBF3T
TO220FPAB
50 Units/ Tube
GMR10H150CTPF3
TO-3PF
30 Units/ Tube
Block Diagram


Similar Part No. - GMR10H150CTPF3

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMR10H150CTA3R GAMMA-GMR10H150CTA3R Datasheet
136Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR10H150CTA3T GAMMA-GMR10H150CTA3T Datasheet
136Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR10H150CTB3T GAMMA-GMR10H150CTB3T Datasheet
136Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR10H150CTBF3T GAMMA-GMR10H150CTBF3T Datasheet
136Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - GMR10H150CTPF3

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMR10H100C GAMMA-GMR10H100C_1 Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
GMR10H45C GAMMA-GMR10H45C Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
logo
Digitron Semiconductors
MR10150E DIGITRON-MR10150E Datasheet
109Kb / 1P
   10A SCHOTTKY RECTIFIER
MBR1030CT DIGITRON-MBR1030CT Datasheet
123Kb / 2P
   10A SCHOTTKY RECTIFIER
MR10120E DIGITRON-MR10120E Datasheet
191Kb / 2P
   10A SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR10H60C GAMMA-GMR10H60C_1 Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
GMR10H200C GAMMA-GMR10H200C_1 Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
logo
Digitron Semiconductors
MBR1070 DIGITRON-MBR1070 Datasheet
165Kb / 3P
   10A SCHOTTKY RECTIFIER
logo
Diodes Incorporated
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com