Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMR10H45C Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GMR10H45C
Description  10A SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR10H45C Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GMR10H45C Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR10H45C Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR10H45C Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR10H45C Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR10H45C Datasheet HTML 5Page - Gamma Microelectronics Inc. GMR10H45C Datasheet HTML 6Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
GMR10H45C
10A SCHOTTKY RECTIFIER
Absolute Maximum Ratings
PARAMETER
SYMBOL
VALUE
UNITS
Repetitive Peak Reverse Voltage
VRPM
45
V
RMS Forward Current
IF(RMS)
10
A
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
IFSM
135
A
Maximum Operating Junction Temperature
TJ,
150
°C
Operating storage temperature
TSTG
-45 to +150
°C
Voltage Rate of Change
dV/dt
10,000
V/µs
Electrostatic Discharge Voltage. JEDEC Method. ESD HBM.
Contact
VESD
± 8
kV
Thermal Characteristics
PARAMETER
SYMBOL
TO220AB
TO220FPAB
TO-3PF
UNITS
Typical thermal resistance per leg
ӨJC
2.4
4.2
1.2
°C/W
Electrical Characteristics (per diode) TJ = 25°C, Unless otherwise noted
PARAMETER
SYMBOL
Test Condition
Min
Typ
Max
Units
DC Forward Voltage
VF
IF = 5A
0.68
0.70
V
Average Rectified Forward
Current
IF(AV)
5.0
A
VR = 45V
-
-
8
µA
Maximum Reverse Current
IR
VR = 45V, TJ = 125°C
-
8
mA


Similar Part No. - GMR10H45C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR10H100C GAMMA-GMR10H100C Datasheet
134Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR10H100C GAMMA-GMR10H100C Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100CTB3R ETC1-GMR10H100CTB3R Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR10H100CTB3R GAMMA-GMR10H100CTB3R Datasheet
134Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - GMR10H45C

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMR10H100C GAMMA-GMR10H100C_1 Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
logo
Digitron Semiconductors
MR10150E DIGITRON-MR10150E Datasheet
109Kb / 1P
   10A SCHOTTKY RECTIFIER
MBR1030CT DIGITRON-MBR1030CT Datasheet
123Kb / 2P
   10A SCHOTTKY RECTIFIER
MR10120E DIGITRON-MR10120E Datasheet
191Kb / 2P
   10A SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR10H150C GAMMA-GMR10H150C_1 Datasheet
115Kb / 6P
   10A SCHOTTKY RECTIFIER
GMR10H60C GAMMA-GMR10H60C_1 Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
GMR10H200C GAMMA-GMR10H200C_1 Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
logo
Digitron Semiconductors
MBR1070 DIGITRON-MBR1070 Datasheet
165Kb / 3P
   10A SCHOTTKY RECTIFIER
logo
Diodes Incorporated
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com