Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6605-2.5TC3RG Datasheet(PDF) 10 Page - Gamma Microelectronics Inc.

Part # GM6605-2.5TC3RG
Description  5.0A LOW DROPOUT PRECISION REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6605-2.5TC3RG Datasheet(HTML) 10 Page - Gamma Microelectronics Inc.

Back Button GM6605-2.5TC3RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
GM6605
5.0A LOW DROPOUT
PRECISION REGULATOR
Package Outline Dimensions – TO263
0.045 - 0.055
(1.143 - 1.397)
0.050 +/- 0.012
(1.270 +/- 0.305)
0.090 - 0.110
(2.286 - 2.794)
0.143 + 0.012
0.143 - 0.002
(3.632 + 0305)
(3.362 - 0.508)
0.050
(1.270)
0.013 - 0.023
(0.330 - 0.584)
TYP
0.059
(1.499)
0.020 - 0.039
(0.510 - 0.990)
0.330 - 0.370
(8.382 - 9.398)
0.060
(1.524)
TYP
0.390 - 0.415
(9.906 - 10.541)
TYP
15
0.105 - 0.180
(4.191 - 4.572)
Package Outline Dimensions – TO252
SEATING PLAN
0.370 – 0.410
(9.400 – 10.420)
0.205 – 0.215
(5.210 – 5.460)
0.210 – 0.228
(5.330 – 5.800)
0.055 – 0.080
(1.400 – 2.030)
0.018 – 0.023
(0.460 – 0.580)
0.030 – 0.045
(0.760 – 1.140)
0.180
(4.570)
TYP
0.090
(2.285)
TYP
0.045 – 0.060
(1.150 – 1.520)
0.039 – 0.050
(1.020 – 1.270)
0.018 – 0.023
(0.460 – 0.580)
0.020
(0.510)
MIN


Similar Part No. - GM6605-2.5TC3RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6605-2.5TC3R GAMMA-GM6605-2.5TC3R Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results

Similar Description - GM6605-2.5TC3RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1084 ETC1-B1084 Datasheet
38Kb / 3P
   5.0A Low Dropout Voltage Regulator
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Calogic, LLC
CLM2850 CALOGIC-CLM2850 Datasheet
40Kb / 4P
   5.0A Low Dropout Voltage Regulator Adjustable
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM66015 GAMMA-GM66015 Datasheet
247Kb / 11P
   1.5A LOW DROPOUT PRECISION REGULATOR
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
   5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
215Kb / 15P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com