Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY54011R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY54011R
Description  Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54011R Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY54011R Datasheet HTML 1Page - Micrel Semiconductor SY54011R Datasheet HTML 2Page - Micrel Semiconductor SY54011R Datasheet HTML 3Page - Micrel Semiconductor SY54011R Datasheet HTML 4Page - Micrel Semiconductor SY54011R Datasheet HTML 5Page - Micrel Semiconductor SY54011R Datasheet HTML 6Page - Micrel Semiconductor SY54011R Datasheet HTML 7Page - Micrel Semiconductor SY54011R Datasheet HTML 8Page - Micrel Semiconductor SY54011R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SY54011R
Low Voltage 1.2V/1.8V CML 1:2 Fanout
Buffer, 3.2Gbps, 3.2GHz
Precision Edge is a registered trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2008
M9999-033108-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY54011R is a fully differential, low voltage
1.2V/1.8V CML 1:2 fanout buffer. It is optimized to
provide two identical output copies with less than 15ps
of skew and less than 10pspp total jitter. The SY54011R
can process clock signals as fast as 3.2GHz or data
patterns up to 3.2Gbps.
The differential input includes Micrel’s unique, 3-pin
input termination architecture that interfaces to LVPECL,
LVDS or CML differential signals, (AC- or DC-coupled
from a 2.5V driver) as small as 100mV (200mVPP)
without any level-shifting or termination resistor
networks in the signal path. For AC-coupled input
interface applications, an integrated voltage reference
(VREF-AC) is provided to bias the VT pin. The outputs are
CML, with extremely fast rise/fall times guaranteed to be
less than 95ps.
The SY54011R operates from a 2.5V ±5% core supply
and a 1.8V or 1.2V ±5% output supply and is
guaranteed over the full industrial temperature range
(–40°C to +85°C). The SY54011R is part of Micrel’s
high-speed, Precision Edge
® product line.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Functional Block Diagram
Precision Edge
®
Features
∑ 1.2V/1.8V CML 1:2 fanout buffer
∑ Guaranteed AC performance over temperature and
voltage:
– DC-to- > 3.2Gbps throughput
– <300ps propagation delay (IN-to-Q)
– <15ps within-device skew
– <95ps rise/fall times
∑ Ultra-low jitter design
– <1psRMS cycle-to-cycle jitter
– <10psPP total jitter
– <1psRMS random jitter
– <10psPP deterministic jitter
∑ High-speed CML outputs
∑ 2.5V ±5% , 1.8/1.2V ±5% power supply operation
∑ Industrial temperature range: –40°C to +85°C
∑ Available in 16-pin (3mm x 3mm) MLF
® package
Applications
∑ Data Distribution: OC-48, OC-48+FEC
∑ SONET clock and data distribution
∑ Fibre Channel clock and data distribution
∑ Gigabit Ethernet clock and data distribution
Markets
∑ Storage
∑ ATE
∑ Test and measurement
∑ Enterprise networking equipment
∑ High-end servers
∑ Access
∑ Metro area network equipment


Similar Part No. - SY54011R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54011RMG MICREL-SY54011RMG Datasheet
517Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54011RMGTR MICREL-SY54011RMGTR Datasheet
517Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
More results

Similar Description - SY54011R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54020AR MICREL-SY54020AR Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY54020AR MICREL-SY54020AR_09 Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY54023AR MICREL-SY54023AR Datasheet
520Kb / 14P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
SY54016AR MICREL-SY54016AR Datasheet
763Kb / 12P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver 3.2Gbps, 3.2GHz
SY54017AR MICREL-SY54017AR Datasheet
546Kb / 14P
   Low Voltage 1.2V/1.8V CML 2:1 MUX 3.2Gbps, 2.5GHz
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY54020R MICREL-SY54020R_09 Datasheet
556Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps
SY54020R MICREL-SY54020R Datasheet
556Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com