Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7130-12A5R Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GM7130-12A5R
Description  3A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130-12A5R Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GM7130-12A5R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7130-12A5R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7130-12A5R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7130-12A5R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7130-12A5R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7130-12A5R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130-12A5R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130-12A5R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130-12A5R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4
GM7130
3A STEP DOWN VOLTAGE SWITCHING
REGULATORS
Ordering Information
Ordering Number
Output Voltage
Package
Shipping
GM7130-ATA5T
TO-263-5
50 Units / Tube
GM7130-ATA5R
TO-263-5
800 Units / Reel
GM7130-ATB5T
TO-220-5
50 Units / Tube
GM7130-ATB5BT
Adj
TO-220-5B
50 Units / Tube
GM7130-3.3TA5T
TO-263-5
50 Units / Tube
GM7130-3.3A5R
TO-263-5
800 Units / Reel
GM7130-3.3B5T
TO-220-5
50 Units / Tube
GM7130-3.3B5BT
3.3
TO-220-5B
50 Units / Tube
GM7130-5.0TA5T
TO-263-5
50 Units / Tube
GM7130-5.0A5R
TO-263-5
800 Units / Reel
GM7130-5.0B5T
TO-220-5
50 Units / Tube
GM7130-12B5BT
5.0
TO-220-5B
50 Units / Tube
GM7130-12TA5T
TO-263-5
50 Units / Tube
GM7130-12A5R
TO-263-5
800 Units / Reel
GM7130-12B5T
TO-220-5
50 Units / Tube
GM7130-12B5BT
12
TO-220-5B
50 Units / Tube


Similar Part No. - GM7130-12A5R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7130-12TA5R ETC1-GM7130-12TA5R Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM7130-12TA5R GAMMA-GM7130-12TA5R Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130-12TA5T ETC1-GM7130-12TA5T Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM7130-12TA5T GAMMA-GM7130-12TA5T Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130-12TB5BR GAMMA-GM7130-12TB5BR Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7130-12A5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130 ETC1-GM7130 Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com