Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6605-5.0TA3T Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM6605-5.0TA3T
Description  5.0A LOW DROPOUT PRECISION REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6605-5.0TA3T Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM6605-5.0TA3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
GM6605
5.0A LOW DROPOUT
PRECISION REGULATOR
VOUT = VREF X ( 1 +
R2
) + IADJ X R2
R1
Applications
Microprocessor Supply
Post Regulators for Switching Supplies
Telecommunication Systems
Medical Equipment
Printer Supplies
Motherboards
Typical Application Circuit
Fixed Output Voltage Version
Adjustable Output Voltage Version
Description
GM6605 series of positive adjustable and fixed
regulators is designed to provide 5A output current
with low dropout voltage performance. On-chip
trimming adjusts the reference voltage with an
accuracy of ±1% for adjustable, and ±2% for fixed
output voltage versions. Besides the features
mentioned, GM6605 works well in post regulators
or micro-processor power supplies where low
voltage operation and fast transient response are
required. GM6605 includes over current protection
and thermal shutdown protection as well.
GM6605 is available in TO-220 and surface-mount TO-
263 packages.
Features
Adjustable or Fixed Output
Output Current of 5A
Low Dropout, 1.5V max at 5A Output
Current
0.04% Line Regulation
0.2 % Load Regulation
100% Thermal Limit Burn-In
Fast Transient Response
VIN
GM6605-x.x
VOUT
5.0A
CIN
COUT
VIN
GM6605-adj
VOUT
5.0A
CIN
COUT
R1
R2
VREF


Similar Part No. - GM6605-5.0TA3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605-5.0TA3T ETC1-GM6605-5.0TA3T Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605-5.0TA3T GAMMA-GM6605-5.0TA3T Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results

Similar Description - GM6605-5.0TA3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1084 ETC1-B1084 Datasheet
38Kb / 3P
   5.0A Low Dropout Voltage Regulator
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Calogic, LLC
CLM2850 CALOGIC-CLM2850 Datasheet
40Kb / 4P
   5.0A Low Dropout Voltage Regulator Adjustable
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM66015 GAMMA-GM66015 Datasheet
247Kb / 11P
   1.5A LOW DROPOUT PRECISION REGULATOR
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
   5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
215Kb / 15P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com