Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7230-5.0A5R Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM7230-5.0A5R
Description  150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7230-5.0A5R Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM7230-5.0A5R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7230-5.0A5R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7230-5.0A5R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7230-5.0A5R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7230-5.0A5R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7230-5.0A5R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7230-5.0A5R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7230-5.0A5R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7230-5.0A5R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
GM7230
150KHz, 3A STEP DOWN VOLTAGE
SWITCHING REGULATORS
www.gammamicro.com.tw
Application
Pre-regulator for linear regulators
High-efficiency step-down buck regulator
On-card/board switching regulators
Positive to negative converter (buck-boost)
LCD Monitors
Description
GM7230 series is designed to provide all the
active function for a step-down (buck) switching
regulator, and drives a maximum load current as
high as 2A line and load regulations. GM7230 is
available in fixed output voltages of 3.3V, 5V,
and a versatile Adjustable output version.
These regulators are simple to use and require
minimum number of external components. The
features include internal frequency compensation
and a fixed-frequency oscillator.
The GM7230 is high-efficiency replacements for
popular three-terminal linear regulators, and is
requiring a smaller heat sink or even no need
heat sink.
GM7230 performs well with standard inductors
from most of manufacturers, and simplifying the
design of switch-mode power supplies. External
shutdown is included with 80 µA (typical) standby
current. The output switch has cycle-by-cycle
current limiting as well as thermal shutdown for
full protection under fault conditions.
GM7230 operates at a switching frequency of
150 kHz which allowing smaller size filter
components than what would be needed with
lower frequency switching regulators.
GM7230 series are available in a standard 5-lead
TO-220, TO220B and TO263 packages.
Features
3.3V, 5V, 12Vand Adjustable output
versions
Adjustable version output voltage range
1.23V to 37V
VOUT accuracy is to ±2% under specified
input voltage the output load conditions
Input voltage range up to 40V
Requires only 4 external components with
High efficiency
TTL shutdown capability, low power
standby mode
Built-in thermal shutdown, current limit
protection
Uses standard inductors
150 kHz fixed frequency internal oscillator
Typical Application Circuits
Unregulated
DC Input
CIN
680µF
VIN
GM7230-5.0
Feedback
Output
L1
68µH
5V
regulated
outpu
t,
COUT
220µF
D1
1N5824
GND
1
4
2
3
5
ON/OFF


Similar Part No. - GM7230-5.0A5R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7230-5.0TA5R ETC2-GM7230-5.0TA5R Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230-5.0TA5R GAMMA-GM7230-5.0TA5R Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
GM7230-5.0TA5R GAMMA-GM7230-5.0TA5R Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230-5.0TA5RG GAMMA-GM7230-5.0TA5RG Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7230-5.0TA5T ETC2-GM7230-5.0TA5T Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
More results

Similar Description - GM7230-5.0A5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com