Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6603-3.3TB3T Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM6603-3.3TB3T
Description  3.0A LOW DROPOUT PRECISION REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6603-3.3TB3T Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM6603-3.3TB3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6603-3.3TB3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6603-3.3TB3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6603-3.3TB3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6603-3.3TB3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6603-3.3TB3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6603-3.3TB3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6603-3.3TB3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6603-3.3TB3T Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
GM6603
3.0A LOW DROPOUT
PRECISION REGULATOR
Output Current(A)
Figure 1. Dropout Voltage vs. Output Current
2.70
2.40
2.10
1.80
1.50
1.20
0.90
0.60
3.00
0
0.30
TCASE = 0°C
TCASE = 25°C
TCASE = 125°C
1.12
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
TJ (°C)
Figure 2. Bandgap Reference Voltage Deviation
Vs. Temperature
90
60
120
30
0
+0.3
+0.2
+0.1
0
-0.1
-0.2
-0.3
Frequency (Hz)
Figure 3. Ripple Rejection vs. Frequency
10
4
10
3
10
5
10
2
10
1
70
60
90
40
30
20
10
10
6
80
50
TCASE = 0°C
TCASE = 25°C
TCASE = 125°C
0.65
0.60
0.55
0.50
0.45
0.40
VIN - VOUT (V)
Figure 4. Minimum Load Current vs. VIN - VOUT
4
35
2
17
6
8
Typical Performance Characteristics


Similar Part No. - GM6603-3.3TB3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603-3.3TB3T ETC2-GM6603-3.3TB3T Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603-3.3TB3T GAMMA-GM6603-3.3TB3T Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-3.3TB3T GAMMA-GM6603-3.3TB3T Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-3.3TB3TG GAMMA-GM6603-3.3TB3TG Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-3.3TB3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
Unisonic Technologies
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
   3.0A Low Dropout Voltage Regulator Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com