Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7130HV-5.0TA5TG Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM7130HV-5.0TA5TG
Description  3A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130HV-5.0TA5TG Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

  GM7130HV-5.0TA5TG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7130HV-5.0TA5TG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7130HV-5.0TA5TG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7130HV-5.0TA5TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7130HV-5.0TA5TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7130HV-5.0TA5TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130HV-5.0TA5TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130HV-5.0TA5TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130HV-5.0TA5TG Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
GM7130HV
3A STEP DOWN VOLTAGE SWITCHING
REGULATORS
Preliminary
Information
Electrical Characteristics: All Output Voltage Versions
(Specifications with standard type face are for TJ = 25°C, and those with bold face type apply over full Operating Temperature
rage. Unless otherwise specified, VIN = 12V for 3.3V, 5.0V and Adj version, VIN = 25V for 12V version, ILOAD = 500mA)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
100
Feedback Bias
Current
VOUT =5V (Adjustable Version Only)
Ib
-
50
500
nA
47
58
Oscillator
Frequency
(Note 8)
fo
42
52
63
kHz
1.8
Saturation
Voltage
lOUT = 3A (Notes 4)
VSAT
-
1.4
2.0
V
Max Duty Cycle
(ON)
(Note 5)
DC
93
98
-
%
4.2
6.9
Current Limit
Peak Current (Notes 4, 8)
lCL
3.5
5.8
7.5
A
Output =0V (Notes 6, 7)
2
Output Leakage
Current
Output = -1V (Notes 6, 7)
lL
-
7.5
30
mA
Quiescent
Current
(Note 6)
lQ
-
5
10
mA
Standby
Quiescent
Current
= 5V (OFF)
lSTBY
-
50
200
µA
1.0
Low (ON)
VIH
-
1.2
0.8
2.2
High (OFF)
VIL
2.4
1.4
-
V
VLOGlC = 2.5V (OFF)
IH
12
30
µA
VLOGlC = 0.5V (ON)
IL
0
10
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Operating Ratings indicate conditions for which the device is intended to be functional but do not
guarantee specific performance limits. For guaranteed specifications and test conditions, see the
Electrical Characteristics.
Note 2:
All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold
type face).
Note 3:
External components such as the catch diode, inductor, input and output capacitors can affect
switching regulator system performance. When the GM7130HV is used as shown in the Figure 2 test
circuit, system performance will be as shown in system parameters section of Electrical characteristics.
Note 4:
Output pin sourcing current. No diode, inductor or capacitor connected to output.
Note 5:
Feedback pin removed from output and connected to 0V.
Note 6:
Feedback pin removed from output and connected to +12V for the Adjustable, 3.3V, and 5V,
versions, and +25V for the 12V and 15V versions, to force the output transistor OFF.
Note 7:
VIN =40V (60V for high voltage version).
Note 8:
The oscillator frequency reduces to approximately 11 kHz in the event of an output short or an
overload which causes the regulated output voltage to drop approximately 40% from the nominal output
voltage. This self protections feature lowers the average power dissipation of the IC by lowering the
minimum duty cycle from 5% down to approximately
ON/OFF
ON/OFF Pin
Logic lnput Level
ON/OFF Pin
Input Current


Similar Part No. - GM7130HV-5.0TA5TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130HV-5.0TA5TG GAMMA-GM7130HV-5.0TA5TG Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV-5.0TA5TG LEIDITECH-GM7130HV-5.0TA5TG Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7130HV-5.0TA5TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130 ETC1-GM7130 Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com